Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IBHC0358 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # IBHC0358
Description  LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IBHC0358 Datasheet(HTML) 2 Page - IDEA.lnc.

  IBHC0358 Datasheet HTML 1Page - IDEA.lnc. IBHC0358 Datasheet HTML 2Page - IDEA.lnc. IBHC0358 Datasheet HTML 3Page - IDEA.lnc. IBHC0358 Datasheet HTML 4Page - IDEA.lnc. IBHC0358 Datasheet HTML 5Page - IDEA.lnc. IBHC0358 Datasheet HTML 6Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings at Ta = 25 ˚C
Parameter
Symbol
Rating
Units
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 to +85
˚C
Storage Temperature
Tstg
-40 to +90
˚C
Electrostatic Discharge
ESD
150
V
Power Dissipation
Pd
110
mW
Peak Forward Current
(Duty 1/10 @ 1KHz)
IFP
100
mA
Soldering Temperature
Tsol
Reflow Soldering: 260°C for 10 sec.
Hand Soldering: 350°C for 3 sec.
Electronic Optical Characteristics (Ta = 25 ˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
45
—
90
mcd
IF = 5 mA
Viewing Angle
2θ1/2
—
60
—
deg
Peak
Wavelength
λp
—
468
—
nm
Dominant
Wavelength
λd
470
—
475
nm
Spectrum Radiation
Bandwidth
Δλ
—
25
—
nm
Forward Voltage
VF
2.60
—
3.00
V
Reverse Current
IR
—
—
50
μA
VR = 5 V
Notes:
1. Tolerance of Luminous Intensity: ±11%
2. Tolerance of Dominant Wavelength: ±1 nm
3. Tolerance of Forward Voltage: ±0.05 V
IBHC0358
Page 2 of 6
* Specifications subject to change without notice. Dimensions are in mm ±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph: 714-525-3302, 800-LED-IDEA; Fax: 714-525-3304
0901a



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com