Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IEGC0118 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # IEGC0118
Description  infrared emitting diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IEGC0118 Datasheet(HTML) 2 Page - IDEA.lnc.

  IEGC0118 Datasheet HTML 1Page - IDEA.lnc. IEGC0118 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IEGC0118
Page
2 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
Absolute Maximum Ratings at Ta = 25 °C
Electronic Optical Characteristics
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
65
mA
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
Soldering Temperature
Tsol
260
°C
Power Dissipation at (or below) 25°C
Free Air Temperature
Pd
130
mW
Peak Forward Current
(Pulse Width = 100
µs and Duty =1%)
IFP
1.0
A
Reverse Voltage
VR
5V
Parameter
Symbol
Min.
Typ.
Max
Units
Condition
Radiant Intensity
Ee
0.5
1.6
—
mW/sr
IF = 20 mA
—
9.0
—
IF=100mA,tp=100µs, tP/T=0.01
—85
—
IF=1A,tp=100µs, tP/T=0.01
Peak Wavelength
λp
—
940
—
nm
IF = 20 mA
Spectral Bandwidth
∆λ
—45
—
nm
IF = 20 mA
Forward Voltage
VF
—
1.2
1.5
V
IF = 20 mA
—
1.4
1.85
IF=100mA,tp=100µs, tP/T=0.01
—
2.6
4.0
IF=1A,tp=100µs, tP/T=0.01
Reverse Current
IR
——
10
µA
VR = 5 V
View Angle
2
θ1/2
—
100
—
deg
IF = 20 mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com