Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU4S049 Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # LU4S049
Description  1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LU4S049 Datasheet(HTML) 2 Page - Bothhand USA, LP.

  LU4S049 Datasheet HTML 1Page - Bothhand USA, LP. LU4S049 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
1X4 RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS
P/N: LU4S049
Page : 2/2
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
B0(02/10)
Mechanical
¡T
1.
Plastic Material
:
PBT 15% Glass Filled(UL 94V-0), Black Housing.
2.
Metal Shield
:
Brass C2680-H, 20u Nickel Plated, t=0.25mm.
3.
Spring Wire
:
0.45mm Dia. Phosphor bronze with 6u gold plated.
4.
Solder Pin
:
0.4x0.4mm, Phosphor bronze with solder Plated.
5.
Durability
:
300 Mating cycles Min.
PCB Layout Mounting Hole(Top View)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com