Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXVG3392-R1-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LXVG3392-R1-PF
Description  DUAL COLOR LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LXVG3392-R1-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LXVG3392-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LXVG3392-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LXVG3392-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LXVG3392-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LXVG3392-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LXVG3392-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
White Diffused
COLOR
Lens
GaP
MATERIAL
LXVG3392/R1-PF
PART NO
Green
Emitted
6.5
Luminous
intensity
@20mA(mcd)
Typ.
30
Spectral
halfwidth
△λnm
565
Peak
wave
length
λPnm
2.6
Max.
Forward
voltage
@
mA(V)
1.7
Min.
20
3.0
Min.
Viewing
angle
2
θ 1/2
(deg)
76
2/5
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mA
μA
℃
℃
mW
30
120
VG
Ratings
10
Ir
-40 ~ +85
-40 ~ +100
100
Forward Current
Peak Forward Current
Duty 1/10@10KHz
Parameter
Operating Temperature
Storage Temperature
Reverse Current @5V
Power Dissipation
Typical Electrical & Optical Characteristics (Ta=25
℃)
Symbol
Topr
Tstg
IF
PD
IFP
Absolute Maximum Ratings at Ta=25
℃
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
PART NO. LXVG3392/R1-PF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com