Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5019P Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # GS5019P
Description  1000 BASE PCMCIA PULSE TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GS5019P Datasheet(HTML) 1 Page - Bothhand USA, LP.

  GS5019P Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
1000 BASE PCMCIA PULSE TRANSFORMER
P/N:GS5019P
Page1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A3(02/06)
Feature
Designed for long haul gigabit Ethernet 100/1000
Base-T, full duplex applications.
Low profile package 2.39mm for PC card.
Support 4 pairs of category 5UTP cable.
Compliant with IEEE 802.3ab standard for 1000
Base-T.
Operating temperature range :0°C to +70°C.
Storage temperature range:-25°C to +125°C.
Electrical Specifications @ 25°C
Cross talk Attenuation
(dB Min)
DCMR
(dB Min)
Part
Number
OCL (µH Min)
@ 100KHz/0.1Vrms with
8mA/ DC Bias
1MHz
30MHz
60MH
100MH
2MHz
30MHz
60MHz
100MH
GS5019P
350
-50
-43.5
-37.5
-33
-50
-43
-37
-33
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min) @ 100±15%Ω
Part
Number
Voltage
Isolation
(Vrms)
0.3-60MHz
100MHz
125MHz
5-30MHz 40MHz 50MHz
60-80MHz
100MHz
GS5019P
1500
-1.0
-1.0
-2.0
-18.0
-14.4
-13.1
-12.0
-10.0
Schematic
Mechanical
¡Ñ
¡Ñ
¡Ñ
¡Ñ
[0.550]


Similar Part No. - GS5019P

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5010 BOTHHAND-GS5010 Datasheet
193Kb / 3P
1000 BASE -T ELECTRICAL SPECIFICATIONS
GS5012 BOTHHAND-GS5012 Datasheet
642Kb / 6P
1000 BASE-T MAGNETICS MODULES
GS5012 BOTHHAND-GS5012 Datasheet
195Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5012MLF BOTHHAND-GS5012MLF Datasheet
514Kb / 2P
1000 BASE-T DUAL PORT MAGNETICS MODULES
GS5014 BOTHHAND-GS5014 Datasheet
642Kb / 6P
1000 BASE-T MAGNETICS MODULES
More results

Similar Description - GS5019P

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
14ST0001P BOTHHAND-14ST0001P Datasheet
304Kb / 3P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
16ST0002X BOTHHAND-16ST0002X Datasheet
234Kb / 2P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
10/100 BASE PCMCIA TRANSFORMER
NS0005 BOTHHAND-NS0005 Datasheet
334Kb / 3P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
NS0014-LF BOTHHAND-NS0014-LF Datasheet
161Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0014Y-LF BOTHHAND-NS0014Y-LF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
16ST0009PLF BOTHHAND-16ST0009PLF Datasheet
158Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS0013LF BOTHHAND-NS0013LF_17 Datasheet
683Kb / 3P
10/100 BASE PULSE TRANSFORMER FOR PCMCIA
NS0014YLF BOTHHAND-NS0014YLF Datasheet
202Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
NS14LF BOTHHAND-NS14LF Datasheet
644Kb / 2P
10/100 BASE PCMCIA TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com