Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32911 Datasheet(PDF) 2 Page - EPCOS

Part # B32911
Description  Film Capacitors EMI Suppression Capacitors (MKP)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32911 Datasheet(HTML) 2 Page - EPCOS

  B32911_09 Datasheet HTML 1Page - EPCOS B32911_09 Datasheet HTML 2Page - EPCOS B32911_09 Datasheet HTML 3Page - EPCOS B32911_09 Datasheet HTML 4Page - EPCOS B32911_09 Datasheet HTML 5Page - EPCOS B32911_09 Datasheet HTML 6Page - EPCOS B32911_09 Datasheet HTML 7Page - EPCOS B32911_09 Datasheet HTML 8Page - EPCOS B32911_09 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Typical applications
X1 class for interference suppression
"Across the line" applications
For apparatus permanently connected to
mains and isolated from direct contact with
humidity
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1):
40/110/56
Construction
Dielectric: polypropylene (MKP)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
Very small dimensions
Good self-healing properties
High voltage capability
Terminals
Parallel wire leads, lead-free tinned
Standard lead lengths: 6
1 mm
Special lead lengths available on request
Marking
Manufacturer's logo, lot number,
date code, rated capacitance (coded),
capacitance tolerance (code letter),
rated AC voltage (IEC),
series number, sub-class (X1),
dielectric code (MKP), climatic category,
passive flammability category, approvals.
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For taping details, refer to chapter
"Taping and packing".
Dimensional drawing
Dimensions in mm
Lead
spacing
±0.4
Lead
diameter
d1
Type
10
0.6
B32911
15 ... 27.5
0.8
B32912 ... B32914
37.5
1.0
B32916
Marking examples
=10 mm
15
≤
≤ 27.5 mm
(CR
≤ 1 µF)
22.5
≤
≤ 37.5 mm
(CR > 1
µF)
EMI suppression capacitors (MKP)
B32911 ... B32916
X1 / 330 V AC
Page 2 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com