Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP512 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP512
Description  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP512 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP512 Datasheet HTML 1Page - Toshiba Semiconductor TLP512 Datasheet HTML 2Page - Toshiba Semiconductor TLP512 Datasheet HTML 3Page - Toshiba Semiconductor TLP512 Datasheet HTML 4Page - Toshiba Semiconductor TLP512 Datasheet HTML 5Page - Toshiba Semiconductor TLP512 Datasheet HTML 6Page - Toshiba Semiconductor TLP512 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP512
2002-11-28
2
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
DC forward current
(Note 1)
IF
25
mA
Pulse forward current
(Note 2)
IFP
50
mA
Peak transient forward current
(Note 3)
IFPT
1
A
DC reverse voltage
VR
5
V
Diode power dissipation
(Note 4)
PD
45
mW
Output current
IO
8
mA
Peak output current
IOP
16
mA
Output voltage
VO
-0.5 to 15
V
Supply voltage
VCC
-0.5 to 15
V
Output power dissipation
(Note 5)
Po
100
mW
Operating temperature range
Topr
-55 to 100
°C
Storage temperature range
Tstg
-55 to 125
°C
Soldering temperature (10 s)
(Note 6)
Tsol
260
°C
Isolation voltage (R.H.
£ 60%, AC 1 min)
(Note 7)
BVS
2500
Vrms
Note 1: Decreases at the rate of 0.8 mA/
°C with the ambient temperature of 70°C or higher.
Note 2: Duty cycle of 50%, pulse width of 1 ms.
Decreases at the rate of 1.6 mA/
°C with the ambient temperature of 70°C or higher.
Note 3: Pulse width
£ 1 ms, 300 pps
Note 4: Decreases at the rate of 0.9 mW/
°C with the ambient temperature of 70°C or higher.
Note 5: Decreases at the rate of 2 mW/
°C with the ambient temperature of 70°C or higher.
Note 6: Soldering is performed 2 mm from the bottom of the package.
Note 7: Device considered a two-terminal device: pins 1, 2, and 3 shorted together and pins 4, 5 and 6 shorted
together.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com