Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32921 Datasheet(PDF) 4 Page - EPCOS

Part # B32921
Description  Film Capacitors EMI Suppression Capacitors (MKP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32921 Datasheet(HTML) 4 Page - EPCOS

  B32921 Datasheet HTML 1Page - EPCOS B32921 Datasheet HTML 2Page - EPCOS B32921 Datasheet HTML 3Page - EPCOS B32921 Datasheet HTML 4Page - EPCOS B32921 Datasheet HTML 5Page - EPCOS B32921 Datasheet HTML 6Page - EPCOS B32921 Datasheet HTML 7Page - EPCOS B32921 Datasheet HTML 8Page - EPCOS B32921 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
x Preferred type
MOQ = Minimum Order Quantity, consisting of 4 packing units.
For new design, please refer to the B3292xE/F data sheet.
Further intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
(Closer tolerances on request)
10
0.010
4.0
× 9.0 × 13.0 B32921C3103+*** x 4000
6800
4000
0.022
4.0
× 9.0 × 13.0 B32921C3223+*** x 4000
6800
4000
0.033
4.0
× 9.0 × 13.0 B32921C3333+*** x 4000
6800
4000
0.047
5.0
× 11.0 × 13.0 B32921C3473+*** x 3320
5200
4000
0.068
6.0
× 12.0 × 13.0 B32921C3683+***
2720
4400
4000
0.10
6.0
× 12.0 × 13.0 B32921C3104M***
2720
4400
4000
15
0.033
5.0
× 10.5 × 18.0 B32922C3333K***
4680
5200
4000
0.047
5.0
× 10.5 × 18.0 B32922C3473K***
4680
5200
4000
0.068
5.0
× 10.5 × 18.0 B32922C3683K*** x 4680
5200
4000
0.10
5.0
× 10.5 × 18.0 B32922C3104+*** x 4680
5200
4000
0.15
6.0
× 12.0 × 18.0 B32922C3154+*** x 3840
4400
4000
0.22
7.0
× 12.5 × 18.0 B32922C3224+*** x 3320
3600
4000
0.33
8.0
× 14.0 × 18.0 B32922C3334M*** x 2920
3000
2000
0.33
8.5
× 14.5 × 18.0 B32922D3334K***
2720
2800
2000
0.47
9.0
× 17.5 × 18.0 B32922C3474+*** x 2560
2800
2000
0.68
11.0
× 18.5 × 18.0 B32922C3684+*** x
2200
1000
22.5
0.22
6.0
× 15.0 × 26.5 B32923C3224+***
2720
2800
2880
0.33
6.0
× 15.0 × 26.5 B32923C3334M***
2720
2800
2880
0.33
7.0
× 16.0 × 26.5 B32923D3334K***
2320
2400
2520
0.47
8.5
× 16.5 × 26.5 B32923C3474+***
1920
2000
2040
0.68
10.5
× 16.5 × 26.5 B32923C3684+***
1560
1600
2160
1.0
11.0
× 20.5 × 26.5 B32923C3105+*** x 1480
1400
2040
1.5
12.0
× 22.0 × 26.5 B32923C3155M***
1800
2.2
14.5
× 29.5 × 26.5 B32923C3225+***
1040
B32921C/D ... B32926C/D
X2 / 305 V AC
Page 4 of 18
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com