Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP523 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP523
Description  programmable controllers dc-output module solid state relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP523 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP523 Datasheet HTML 1Page - Toshiba Semiconductor TLP523 Datasheet HTML 2Page - Toshiba Semiconductor TLP523 Datasheet HTML 3Page - Toshiba Semiconductor TLP523 Datasheet HTML 4Page - Toshiba Semiconductor TLP523 Datasheet HTML 5Page - Toshiba Semiconductor TLP523 Datasheet HTML 6Page - Toshiba Semiconductor TLP523 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP523,TLP523
−2,TLP523−4
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Rating
Characteristic
Symbol
TLP523
TLP523
-2
TLP523
-4
Unit
Forward current
IF
60
50
mA
Forward current derating
∆IF /°C
-0.7 (Ta ≥ 39°C) -0.5 (Ta ≥ 25°C)
mA /°C
Pulse forward current
IFP
1 (100µs pulse, 100pps)
A
Reverse voltage
VR
5
V
Collector
-emitter voltage
VCEO
55
V
Emitter
-collector valtage
VECO
0.3
V
Collector current
IC
150
mA
Collector power dissipation
(1 circuit)
PC
150
100
mW
Collector power dissipation
derating (1 circuit (Ta ≥ 25°C))
∆PC /°C
-1.5
-1.0
mW /°C
Operating temperature range
Topr
-55~100
°C
Storage temperature range
Tstg
-55~125
°C
Lead soldering temperature (10 s)
Tsol
260
°C
Total power dissipation
PT
250
150
mW
Total power dissipation derating
(Ta ≥ 25°C)
∆PT /°C
-2.5
-1.5
mW /°C
Isolation voltage
(Note 1)
BVS
2500 (AC, 1min., R.H.≤ 60%)
Vrms
(Note 1) Device considered a two terminal device: LED side pins shorted together and detector side pins shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
24
V
Forward current
IF
―
16
20
mA
Operating temperature
range
Topr
-25
―
85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com