Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP523-2 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP523-2
Description  programmable controllers dc-output module solid state relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP523-2 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP523-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP523-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP523-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP523-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP523-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP523-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP523-2 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP523,TLP523
−2,TLP523−4
2002-09-25
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
—
—
10
µA
Capacitance
CT
V = 0, f = 1 MHz
—
30
—
pF
Collector
-emitter
breakdown voltage
V(BR) CEO
IC = 1 mA
55
—
—
V
VCE = 24 V
—
10
200
nA
Collector dark current
ICEO
VCE = 24 V, Ta = 85°C
—
0.5
10
µA
Capacitance collector
to emitter
CCE
V = 0, f = 1 MHz
—
10
—
pF
Current transfer ratio
IC / IF
IF = 1 mA, VCE = 1 V
500
2000
—
%
Collector
-emitter
saturation voltage
VCE(sat)
IC = 50 mA, IF = 10 mA
—
—
1
V
Capacitance input
to output
CS
VS = 0, f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V, R.H.≤ 60%
5×10
10
10
14
—
Ω
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
-on time
tON
—
3
—
µs
Turn
-off time
tOFF
VCC = 10 V, RL = 180 Ω
IF = 16 mA
—
80
—
µs
Switching Time Test Circuit
VCC
VCE
IF
RL
IF
IF
VCE
tON
9V
1V
tOFF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com