Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMH9172 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAMH9172
Description  Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAMH9172 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAMH9172 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2x .125
.725
3x .125
7x
.125
2x 2.625
2x 5.250
5.500
4x
3.250
+28V GND
GATED GND +15V
RF INPUT
RF OUTPUT
SMA CONNECTOR
RF INPUT
28983
DAICO INDUSTRIES, INC.
MADE IN USA
SN:
DAICO PN: DAMH9172
+28V
GND
GA
TED
GND
+15V
RF
INPUT
RF
OUTPUT
6x .250
.813
3.500
GATED
GND
+28V
J1
RF IN
RF OUT
J2
+15V
Impedance
Operating Temperature
DC Input
Spurious
Harmonics
I/O VSWR
RF Input Power (Pulse)
RF Output Power
Operating Frequency
Power Gain
Load VSWR
DC Current
Enable Timing (On/Off)
Parameter
2nd and 3rd
No Damage All Phase
All Conditions
Conditions/Limits
-40
28
65
20
1.5:1
Min
25
5.0/5.0
10.0
71
50
Typ
INFINITY
Max
sec
°C
A
dBc
VDC
dBc
OHMS
dBm
43/40
53/50
1.2
1.4
dBm
dB
Units
GHz
æ
"L"=Enable: "H"=Disable
10
+48V/+28V Operation
320uS, 10%
48
Peak
1.300
1.675
3.250
3.625
4.000
4.850
.309
MICRO-STRIP
RF OUTPUT
.125
D AICO Industr ies
MODEL NUMBER
DAMH9172
FEATURES
• Operating Frequency: L-Band
• RF Power: 200W/100W
• Gain: 43/40dB
• Pulse Width: 320 microseconds
• Duty Cycle: 10%
•Voltage: 48V/28V
•Operating Temp.: -40 to +71
ºC
AMP
Power Amplifier
310.507.3242 • FAX 310.507.5701 • www.daico.com
GUARANTEED PERFORMANCE


Similar Part No. - DAMH9172

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAMH160N200 DACO-DAMH160N200 Datasheet
555Kb / 5P
N-Channel Enhancement Mode MOSFET
DAMH220N150 DACO-DAMH220N150 Datasheet
558Kb / 5P
N-Channel Enhancement Mode MOSFET
DAMH220N200 DACO-DAMH220N200 Datasheet
557Kb / 5P
N-Channel Enhancement Mode MOSFET
DAMH280N200 DACO-DAMH280N200 Datasheet
555Kb / 5P
N-Channel Enhancement Mode MOSFET
DAMH300N150 DACO-DAMH300N150 Datasheet
558Kb / 5P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - DAMH9172

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
POWER AMPLIFIER
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
Power Amplifier
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
Amplifier, Power
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
Power Amplifier
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com