Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JGC0118 Datasheet(PDF) 2 Page - IDEA.lnc.

Part # JGC0118
Description  LED LAMPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JGC0118 Datasheet(HTML) 2 Page - IDEA.lnc.

  JGC0118 Datasheet HTML 1Page - IDEA.lnc. JGC0118 Datasheet HTML 2Page - IDEA.lnc. JGC0118 Datasheet HTML 3Page - IDEA.lnc. JGC0118 Datasheet HTML 4Page - IDEA.lnc. JGC0118 Datasheet HTML 5Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings at Ta = 25 ˚C
Parameter
Symbol
Rating
Units
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 to +85
˚C
Storage Temperature
Tstg
-40 to +90
˚C
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current
(Duty 1/10 @ 1KHz)
IFP
60
mA
Soldering Temperature
Tsol
Reflow Soldering: 260°C for 10 sec.
Hand Soldering: 350°C for 3 sec.
Electronic Optical Characteristics (Ta = 25 ˚C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Luminous Intensity
IV
29
39
—
mcd
IF = 20 mA
Viewing Angle
2θ1/2
—
60
—
deg
Peak
Wavelength
λp
—
575
—
nm
Dominant
Wavelength
λd
—
573
—
nm
Spectrum Radiation
Bandwidth
Δλ
—
20
—
nm
Forward Voltage
VF
1.7
2.0
2.4
V
Reverse Current
IR
—
—
10
μA
VR = 5 V
JGC0118
Page 2 of 5
* Specifications subject to change without notice. Dimensions are in mm ±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph: 714-525-3302, 800-LED-IDEA; Fax: 714-525-3304
0902



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com