Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JRGC0158 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JRGC0158
Description  miniature chip type designed for surface mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JRGC0158 Datasheet(HTML) 1 Page - IDEA.lnc.

  JRGC0158 Datasheet HTML 1Page - IDEA.lnc. JRGC0158 Datasheet HTML 2Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JRGC0158
Page
1 of 2
* Specifications subject to change without notice. Dimensions are in mm±0.1 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0507
These lamps are miniature chip type designed for surface mounting. They are of the so-called
1206 size, measuring approximately 2.7 x 3.2 mm.
PART NO.
Chip
Lens Color
Material
Emitted Color
JRGC0158
AlGaInP
Hyper Red
Water Clear
AlGaInP
Super Yellow Green


Similar Part No. - JRGC0158

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JRGC0158 IDEA-JRGC0158 Datasheet
29Kb / 1P
Surface Mount LED
More results

Similar Description - JRGC0158

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
ISUGC0118 IDEA-ISUGC0118 Datasheet
61Kb / 2P
miniature chip type designed for surface mounting
IVGC0118 IDEA-IVGC0118 Datasheet
40Kb / 2P
miniature chip type designed for surface mounting
IVGC0128 IDEA-IVGC0128 Datasheet
102Kb / 2P
miniature chip type designed for surface mounting
IVRVGC0118 IDEA-IVRVGC0118 Datasheet
46Kb / 2P
miniature chip type designed for surface mounting
IVYC0128 IDEA-IVYC0128 Datasheet
89Kb / 2P
miniature chip type designed for surface mounting
JEGC0158 IDEA-JEGC0158 Datasheet
40Kb / 2P
miniature chip type designed for surface mounting
JEGC0678 IDEA-JEGC0678 Datasheet
45Kb / 2P
miniature chip type designed for surface mounting
JRGBC0128 IDEA-JRGBC0128 Datasheet
80Kb / 2P
miniature chip type designed for surface mounting
JYC0158 IDEA-JYC0158 Datasheet
117Kb / 3P
miniature chip type designed for surface mounting
JYOC0195 IDEA-JYOC0195 Datasheet
33Kb / 2P
miniature chip type designed for surface mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com