Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IVYC059X Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IVYC059X
Description  T-5/8 Surface Mounting Tape & Reel Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IVYC059X Datasheet(HTML) 1 Page - IDEA.lnc.

  IVYC059X Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. *reversed polarity
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
L–11
T-5/8 Surface Mounting Tape & Reel Package,
0591, 0597, 0599 Series
The 059X series of tape and reel packaged subminiature lamps are designed for automated surface mount applications. The different
series indicate lead shaping from the same LED type. The body shape is more square. These lamps are compatible with vapor phase
reflow surface mounting as well as conventional soldering.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +85 °C
Lead Soldering Temperature
240 °C for 3 sec
Preheat Temperature
100 °C
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Chip
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
Material
Emitted
Color
λ
Pd
If (mA)
Ir
Vr
Vf (V)
@If=20mA
Iv (mcd)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
Min
Typ
Max
Min
Typ
(Deg)
ISRC059X
GaAlAs
Red
660
20
100
30
150
10
5
–
1.7
2.4
60
100
25
IVRC059X GaAsP/GaP
Red
640
45
105
30
150
10
5
1.7
2.0
2.8
16
25
25
IVGC059X
GaP
Green
570
30
105
25
150
10
5
1.7
2.1
2.8
12
20
25
IVYC059X
GaAsP/GaP
Yellow
585
35
105
30
150
10
5
1.7
2.0
2.8
16
25
25
IUBC059X
GaN/SiC
Blue
428
65
140
30
70
50
5
-
3.8
4.5
160
203
25
IUBC059X7
InGaN/SiC
Blue
468
26
140
30
70
50
5
-
3.5
4.0
213
270
25
Relative Intensity (%)
010
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
25
50
75
25
50
75
Ø1.8
2.1
Anode (except for SR)
0.5±.1
0.15
0.4±.1
0.68
2.9 max
1.34
0.13 max
6.1 max
0591 Series
3.8 max
0.13 max
0597 Series
0.2 max
7.6 max
0599 Series
2.2
013S-059X


Similar Part No. - IVYC059X

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IVYC058X IDEA-IVYC058X Datasheet
30Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package
More results

Similar Description - IVYC059X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
SURFACE MOUNT TAPE AND REEL
LDBK9S53 LIGITEK-LDBK9S53 Datasheet
125Kb / 7P
SURFACE MOUNT TAPE AND REEL
LDGM9353-TR1 LIGITEK-LDGM9353-TR1 Datasheet
134Kb / 8P
SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
SURFACE MOUNT TAPE AND REEL
logo
IDEA.lnc.
ISRC058X IDEA-ISRC058X Datasheet
30Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package
JRC058X IDEA-JRC058X Datasheet
29Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package J Series
JRC059X IDEA-JRC059X Datasheet
29Kb / 1P
T-5/8 Surface Mounting Tape & Reel Package J Series
logo
E-SWITCH
N802208 E-SWITCH-N802208 Datasheet
151Kb / 1P
PACKAGE: TAPE AND REEL (700 PER REEL)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com