Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B59100 Datasheet(PDF) 2 Page - EPCOS

Part # B59100
Description  PTC thermistors as limit temperature sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59100 Datasheet(HTML) 2 Page - EPCOS

  B59100_09 Datasheet HTML 1Page - EPCOS B59100_09 Datasheet HTML 2Page - EPCOS B59100_09 Datasheet HTML 3Page - EPCOS B59100_09 Datasheet HTML 4Page - EPCOS B59100_09 Datasheet HTML 5Page - EPCOS B59100_09 Datasheet HTML 6Page - EPCOS B59100_09 Datasheet HTML 7Page - EPCOS B59100_09 Datasheet HTML 8Page - EPCOS B59100_09 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1) Exception: B59100C0010A070: RR > 5 k
Ω; B59100C0050A070: R
R < 150
Applications
Limit temperature monitoring
Features
Tinned leads
Manufacturer's logo and type designation
stamped on in white
Characteristics for sensing temperatures of
90 to 150
°C conform with DIN 44081
RoHS-compatible
Delivery mode
Cardboard strips (standard), cardboard tape
reeled or in Ammo pack on request
Dimensional drawing
Dimensions in mm
General technical data
Max. operating voltage
(TA = 0 ... 40
°C)
Vmax
30
V DC
Max. measuring voltage
(TA
25 K ... Tsense + 23 K)
Vmeas,max
7.5
V DC
Rated resistance
(VPTC
≤ 2.5 V)
RR
≤ 1001)
Thermal threshold time
ta
< 5
s
Operating temperature range
(V
≤ V
meas,max)
Top
40/ Tsense +23
°C
Operating temperature range
(V = Vmax)
Top
0/+40
°C
Electrical specifications and ordering codes
Tsense
°C
R
(Tsense
∆T)
(VPTC
≤ 2.5 V)
R
(Tsense +
∆T)
(VPTC
≤ 2.5 V)
R
(Tsense + 15 K)
(VPTC
≤ 7.5 V)
R
(Tsense + 23 K)
(VPTC
≤ 2.5 V)
Ordering code
∆T = ±5 K
10
≤ 2300
≥ 2300
-
≥ 10 k
B59100C0010A070
50
≤ 400
≥ 400
-
≥ 4 k
B59100C0050A070
60
≤ 570
≥ 570
-
≥ 10 k
B59100C0060A070
70
≤ 570
≥ 570
-
≥ 10 k
B59100C0070A070
80
≤ 570
≥ 570
-
≥ 10 k
B59100C0080A070
90
≤ 550
≥ 1330
≥ 4 k
-
B59100C0090A070
100
≤ 550
≥ 1330
≥ 4 k
-
B59100C0100A070
110
≤ 550
≥ 1330
≥ 4 k
-
B59100C0110A070
120
≤ 550
≥ 1330
≥ 4 k
-
B59100C0120A070
130
≤ 550
≥ 1330
≥ 4 k
-
B59100C0130A070
140
≤ 550
≥ 1330
≥ 4 k
-
B59100C0140A070
150
≤ 550
≥ 1330
≥ 4 k
-
B59100C0150A070
Sensors
Limit temperature sensors, leaded disks, coated
C100
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com