Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IHT0550 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # IHT0550
Description  Surface Mount LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

IHT0550 Datasheet(HTML) 1 Page - IDEA.lnc.

  IHT0550 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise. *reversed polarity
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
L–9
Surface Mount LED,
0550 Series
The 0550 series lamps are miniature chip type designed specificially for surface mounting. Ideal applications are circuit board status
indicators or backlighting switches or key pads. These lamps are available in EIA481 tape and reel packaging with approximately 3000
pcs per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Lead Soldering Temperature, 1.6 mm from Body
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Vf (V)
@If=20mA
Iv (mcd)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
Min
Typ
Max
Min
Typ
(Deg)
IHT0550
Red
700
90
45
15
50
100
5
–
2.1
2.8
–
1.7
–
IHRT0550
Red
660
20
100
30
200
100
5
–
1.8
2.0
–
10
–
IURT0550
Red
660
20
100
30
200
100
5
–
1.8
2.0
–
30
–
IET0550
Orange
635
45
70
25
90
100
5
–
2.1
2.8
–
9.0
–
IYT0550
Yellow
585
35
70
20
90
100
5
–
2.1
2.8
–
8.0
–
IGT0550
Green
565
30
70
25
90
100
5
–
2.1
2.8
–
12
–
1.7
0.7 typ
0.6
1.0
2.0
2.0
1.5
3.0
Polarity
Marking
Polarity Marking Indicates Cathode.
Except for IHRT0550 and IURT0550 where
Marking Indicates Anode.
2.0
Recommended
reflow
solder pattern
1.5
984S-0550


Similar Part No. - IHT0550

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHTH-0750IZ-51 VISHAY-IHTH-0750IZ-51 Datasheet
435Kb / 6P
High Current Through Hole Inductor, High Temperature Series
12-Feb-16
IHTH-0750IZ-51 VISHAY-IHTH-0750IZ-51 Datasheet
416Kb / 6P
High Current Through Hole Inductor, High Temperature Series
12-Feb-16
IHTH-0750IZ-51 VISHAY-IHTH-0750IZ-51_V01 Datasheet
416Kb / 6P
High Current Through Hole Inductor, High Temperature Series
12-Feb-16
IHTH-0750IZ-5A VISHAY-IHTH-0750IZ-5A Datasheet
438Kb / 6P
High Current Through Hole Inductor, High Temperature Series
15-Feb-16
IHTH-0750IZ-5A VISHAY-IHTH-0750IZ-5A Datasheet
419Kb / 6P
High Current Through-Hole Inductor, High Temperature Series
16-Oct-2020
More results

Similar Description - IHT0550

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com