Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JGC0125 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JGC0125
Description  Low Profile Right Angle Lens
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JGC0125 Datasheet(HTML) 1 Page - IDEA.lnc.

  JGC0125 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–3
Surface Mount LED J Series for low current or superbright use,
0125 Series Low Profile Right Angle Lens
The 0125 series lamps are miniature chip type designed for two-way surface mounting. Mounted normally, these lamps can be used as
circuit board status indicators or as backlight for switches or key pads. Mounted at right angles these lamps are miniature through the
panel indicators. These lamps are in EIA481 tape and reel packaging with approximately 2000 pcs per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
JRC0125
Red
632
20
60
25
160
10
5
3
20
48
2.0
2.4
130
JGC0125
Green
575
20
60
25
160
10
5
1
13
20
2.0
2.4
130
JYC0125
Yellow
591
15
60
25
160
10
5
3
20
49
2.0
2.4
130
JOC0125
Orange
621
18
60
25
160
10
5
3
20
49
2.0
2.4
130
JYOC0125
YelOrng
611
17
60
25
160
10
5
3
20
49
2.0
2.4
130
0.5
1.5
0.8
Suggested pad dimensions
for reflow soldering
0.8
+
-
cathode
mark
0.3
0.3
1.0
0.5
1.7
2.1±.2
0.6
013S-J0125


Similar Part No. - JGC0125

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JGC0128 IDEA-JGC0128 Datasheet
32Kb / 2P
miniature chip type designed for two-way surface mounting
JGC0128 IDEA-JGC0128 Datasheet
26Kb / 1P
Right Angle Lens
More results

Similar Description - JGC0125

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
22-21SURC EVERLIGHT-22-21SURC Datasheet
180Kb / 9P
Chip LEDs with Right Angle Lens
27-21SURC EVERLIGHT-27-21SURC Datasheet
163Kb / 9P
Chip LED with Right Angle Lens
27-21SYGC EVERLIGHT-27-21SYGC_05 Datasheet
151Kb / 9P
Chip LED with Right Angle Lens
logo
IDEA.lnc.
JRC0128 IDEA-JRC0128 Datasheet
26Kb / 1P
Right Angle Lens
logo
P-tec Corporation
PL15-CDG13 P-TEC-PL15-CDG13_14 Datasheet
76Kb / 1P
Popular 5mm Low Profile Lens
logo
HK TO-GRACE TECHNOLOGY ...
12-21-BHC-AN1P2-2C TO-GRACE-12-21-BHC-AN1P2-2C Datasheet
770Kb / 10P
Chip LED with Right Angle Lens
12-21-GHC-YR2S2-2C TO-GRACE-12-21-GHC-YR2S2-2C Datasheet
745Kb / 10P
Chip LED with Right Angle Lens
12-21-T3D-AQ2S2M-2C TO-GRACE-12-21-T3D-AQ2S2M-2C Datasheet
842Kb / 12P
Chip LED with Right Angle Lens
12-21USRC-S530-A6-TR8 TO-GRACE-12-21USRC-S530-A6-TR8 Datasheet
859Kb / 9P
Chip LED with Right Angle Lens
12-215-Y2C-BR1S1L-3C TO-GRACE-12-215-Y2C-BR1S1L-3C Datasheet
593Kb / 10P
Chip LED with Right Angle Lens
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com