Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JGC0168 Datasheet(PDF) 1 Page - IDEA.lnc.

Part # JGC0168
Description  Surface Mount LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.

JGC0168 Datasheet(HTML) 1 Page - IDEA.lnc.

  JGC0168 Datasheet HTML 1Page - IDEA.lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. Dimensions are in mm±0.3 unless stated otherwise.
IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508
J–5
Surface Mount LED J Series for low current or superbright use,
0168 Series “0402” Package, mini-chip
The 0168 series lamps are chip type 0402 size package designed for surface mounting. These lamps are very small and are used in
applications where miniaturization is of primary concern. These lamps are available in EIA481 tape and reel packaging with 3000 pcs
per reel.
GENERAL INFORMATION
Operating Temperature Range
-40 °C to +85 °C
Storage Temperature Range
-40 °C to +90 °C
Reflow Soldering Temperature
260 °C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 °C AMBIENT)
Part No.
Emitted
Color
Peak
∆λ
Absolute Maximum Ratings
E/O Characteristics
λ
Pd
If (mA)
Ir
Vr
Iv (mcd)
@If=20mA
Vf (V)
@ If=20mA
2Θ1/2
(nM)
(nM)
(mW)
dc
1/10 duty
@ 1 khz
@Vr=5V
(µA)
(V)
2mA
Min
Typ
Min
Typ
(Deg)
JRC0168
Red
632
20
60
25
160
10
5
2
15
36
2.0
2.4
120
JGC0168
Green
575
20
60
25
160
10
5
1
10
15
2.0
2.4
120
JYC0168
Yellow
591
15
60
25
160
10
5
2
15
38
2.0
2.4
120
JOC0168
Orange
621
18
60
25
160
10
5
2
15
38
2.0
2.4
120
JEC0168
OrRed
639
20
60
25
160
10
5
2
12
30
2.0
2.4
120
JYOC0168
YelOrng
611
17
60
25
160
10
5
2
15
38
2.0
2.4
120
JDC0168
DeepRd
650
20
60
25
160
10
5
2
12
30
2.0
2.4
120
1.0±.1
0.45
0.1
0.5
Cathode Mark
0.5
0.7
Recommended
reflow
solder pattern
013S-J0168


Similar Part No. - JGC0168

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
JGC0118 IDEA-JGC0118 Datasheet
148Kb / 5P
LED LAMPS
JGC0118 IDEA-JGC0118 Datasheet
30Kb / 1P
J Series Surface Mount LEDs
JGC0125 IDEA-JGC0125 Datasheet
26Kb / 1P
Low Profile Right Angle Lens
JGC0128 IDEA-JGC0128 Datasheet
32Kb / 2P
miniature chip type designed for two-way surface mounting
JGC0128 IDEA-JGC0128 Datasheet
26Kb / 1P
Right Angle Lens
More results

Similar Description - JGC0168

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
surface-mount LED
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com