Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B81192 Datasheet(PDF) 3 Page - EPCOS

Part # B81192
Description  Film Capacitors EMI Suppression Capacitors (MKP)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81192 Datasheet(HTML) 3 Page - EPCOS

  B81192 Datasheet HTML 1Page - EPCOS B81192 Datasheet HTML 2Page - EPCOS B81192 Datasheet HTML 3Page - EPCOS B81192 Datasheet HTML 4Page - EPCOS B81192 Datasheet HTML 5Page - EPCOS B81192 Datasheet HTML 6Page - EPCOS B81192 Datasheet HTML 7Page - EPCOS B81192 Datasheet HTML 8Page - EPCOS B81192 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Overview of available types
Lead spacing 10 mm
15 mm
22.5 mm
27.5 mm
CR (
µF)
0.010
0.015
0.022
0.033
0.039
0.047
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
1.0
B81192
X3 / 250 V AC
Page 3 of 16
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com