Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2802P-R-SA Datasheet(PDF) 2 Page - Emcore Corporation

Part # 2802P-R-SA
Description  CATV Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2802P-R-SA Datasheet(HTML) 2 Page - Emcore Corporation

  2802P-R-SA Datasheet HTML 1Page - Emcore Corporation 2802P-R-SA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Min
Typ
Max
Units
Operating Temp. Range
+10
+40
°C
Storage Temp. Range
-20
+70
°C
Relative Humidity
0
95
%
Min
Typ
Max
Units
Power Supply Voltage
+9
VDC
Tx Current Draw
205
260
mA
Rx Current Draw
95
150
mA
Min
Typ
Max
Units
Weight (Stand-alone Tx/Rx)
6
oz.
170
g
Dimensions (Stand-alone Tx/Rx) 5.75 x 2.95 x 1.143
in.
146 x 75 x 29
mm
Weight (3RU Rx)
8
oz.
227
g
Dimensions (3RU Rx)
5.06 x 1.39 x 12.00
in.
129 x 35 x 305
mm
Optical and RF Characteristics
Min
Typ
Max
Units
Operating Wavelength
1290
1310
1330
nm
Lower Bandwidth
5
MHz
Upper Bandwidth
350
400
MHz
Impedance
75
Ohms
End-to-End Link Gain
0 dB Optical Loss
+24
dB
10 dB Optical Loss
+4
dB
Composite Triple Beat
-63
-57
dB
Composite Second Order
-70
-65
dB
Flatness
1.0
dB
Tx Optical Output Power
+2.0
+3.0
+4.0
dBm
Rx Optical Input Power
-9.0
+4.0
dBm
Optical Loss Range
0
12
dB
Carrier-to-Noise Ratio
See Graph Below
±
Environmental Characteristics
Electrical Characteristics
Physical Characteristics
SM 10 Channel Link P/N
2802PRO Tx and Rx Options
Std.-alone Tx, SM, 1310 nm
Std.-alone Rx, SM, 1310/1550 nm
3RU Dual Return Rx, SM, 1310/1550 nm
FC/APC Conn.
SC/APC Conn.
2802P-T-1310-FA
2802P-T-1310-SA
2802P-R-FA
2802P-R-DUAL-FA
2802P-R-SA
2802P-R-DUAL-SA
Rack and P.S. P/N
3000UC-NN
3000UE-NN
3000CB-NN
Accessory Options
Stand-alone P.S.
+9 Volts DC
3RU 19” Rack Chassis
3RU P.S., Universal AC
3RU P.S., -48 Volts DC
Rack Accessories
Power Supplies
PS095-1
35
40
45
50
55
60
65
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
Received Optical Power (dBm)
6 Channels
10 Channels
3 Channels
1 Channel
Model 2802PRO Stand-alone
Receiver and Transmitter
Specifications and Ordering Information
Specifications and Ordering Information
Rev. 1.1, 05/24/06
825 Park Street, Christiansburg, VA 24073
USA (800) 732-5252 • TEL (540) 382-0462 • FAX (540) 381-0392
csr-sales@forceinc.com • www.forceinc.com
© Copyright 2006. EMCORE Corporation
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.
Model 2802PRO Dual Return Receiver
Front and Rear Panels



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com