Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2802P-R-DUAL-SA Datasheet(PDF) 1 Page - Emcore Corporation

Part # 2802P-R-DUAL-SA
Description  CATV Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2802P-R-DUAL-SA Datasheet(HTML) 1 Page - Emcore Corporation

  2802P-R-DUAL-SA Datasheet HTML 1Page - Emcore Corporation 2802P-R-DUAL-SA Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model 2802PRO Transmitter
The Force, Incorporated CATV Model 2802PRO 10
Channel CATV VSB/AM video link offers a state-of-the-art
solution for high-quality CATV transmission. The Model
2802PRO offers exceptional analog bandwidth from 5 to
400 MHz allowing transmission of all sub-band, low-
band, FM, mid-band, and high-band channels. This
feature allows the system to deliver custom designed
video services. In conjunction with a VCR, camcorder, or
cable television feed, the Model 2802PRO can transmit
TV channels and their sound carriers, over a distance of
10 km or more at 1310 nm over one single-mode fiber. A
return
path
receiver
is
available
for
back-haul
applications. The unit utilizes inputs from standard CATV
VSB/AM modulators, processors, and other ancillary
equipment, making the Model 2802PRO link an excellent
plug-and-play system. LED indicators and built-in RF and
optical power meters allow for quick assessment of the
link’s status.
Transmits up to 10 CATV channels over
one single-mode fiber.
Supports transmission of sub-band,
low-band, FM, mid-band, and high-
band channels, adding flexibility to
the system.
Built-in RF Input Level indicator aids
in commissioning and troubleshooting
the link.
Return path receiver option is available
for back-haul applications.
Compatible with standard television
industry voltages and impedances.
Ideal for small corporate TV video distribution,
campus media retrieval, teleconferencing,
and much more.
CATV
Model 2802PRO
Force
Optical Broadcast Systems
CATV Transmitter
Head End
Apartment Building
2802P-R Dual
Return Rx
CMTS
20:1
Amplifier
6925 CWDM
2807NB
Rx with
Return Path
TV
Modem
2W
TV
Modem
2W
TV
TV
Modem
Modem
2W
2W
© Copyright 2006. EMCORE Corporation
825 Park Street, Christiansburg, VA 24073
USA (800) 732-5252 • TEL (540) 382-0462 • FAX (540) 381-0392
csr-sales@forceinc.com • www.forceinc.com
Information contained herein is deemed to be reliable and accurate as of issue date. EMCORE reserves the right to change the design or specifications of
the product at any time without notice. Ortel, the Ortel logo, EMCORE, and the EMCORE logo are trademarks of EMCORE Corporation.


Similar Part No. - 2802P-R-DUAL-SA

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2802P-R-FA EMCORE-2802P-R-FA Datasheet
252Kb / 2P
10 Channel Singlemode CATV VSB/AM
2802P-R-FA EMCORE-2802P-R-FA Datasheet
179Kb / 2P
2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
2802P-R-SA EMCORE-2802P-R-SA Datasheet
252Kb / 2P
10 Channel Singlemode CATV VSB/AM
2802P-R-SA EMCORE-2802P-R-SA Datasheet
179Kb / 2P
2802 PRO 10 Channel Singlemode CATV VSB/AM Video Link
More results

Similar Description - 2802P-R-DUAL-SA

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
ISG4042-T SIRENZA-ISG4042-T Datasheet
161Kb / 8P
5V CATV MODEM RF TUNER AND TRANSMITTER
ISG4042EU-T SIRENZA-ISG4042EU-T Datasheet
150Kb / 8P
5V CATV MODEM RF TUNER AND TRANSMITTER
logo
Toshiba Semiconductor
1SV232 TOSHIBA-1SV232_07 Datasheet
274Kb / 3P
CATV Tuning
1SV288 TOSHIBA-1SV288_07 Datasheet
262Kb / 3P
CATV Tuning
logo
RFHIC
AE308 RFHIC-AE308_14 Datasheet
347Kb / 4P
CATV Amplifier
logo
SJM Prewell. All Rights...
PG885 SJM-PG885 Datasheet
311Kb / 3P
CATV Amplifier
PK857 SJM-PK857 Datasheet
220Kb / 3P
CATV Amplifier
PW111 SJM-PW111_V01 Datasheet
214Kb / 3P
CATV Amplifier
PT818 SJM-PT818 Datasheet
462Kb / 5P
CATV Amplifier
PW470 SJM-PW470 Datasheet
326Kb / 4P
CATV Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com