Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40SS1041AXMLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40SS1041AXMLF
Description  40 PIN SMD ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40SS1041AXMLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40SS1041AXMLF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40 PIN SMD ETHERNET 10/100 BASE –TX HIGH SPEED LAN MAGNETICS
P/N: 40SS1041AXM LF DATA SHEET
Page : 1/1
Feature
l
Symmetrical TX and RX channels for auto MDIX capability.
l
Compliant with IEEE 802.3u and ANSI X3.263 standards
including 350uH OCL with 8mA bias.
l
Comply with Ro HS requirements-whole part No Cd, No Hg,
No Cr6
+, No PBB and PBDE and No Pb on external pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operating temperature range : -40℃ to +85℃.
l
Storage temperature range: -40℃ to +125℃.
Electrical Specifications @ 25°C
DCMR
(dB Min)
Part
Number
Turns Ratio
(±5%) TX/RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
L.L
(uH Max)
CW/W
(pF Max)
1-60MHz
60-200MHz
HI-POT
(Vrms)
40SS1041AXM LF
1CT:1CT
350
0.4
56
-37
-25
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
Part
Number
0.3-100MHz
2-30MHz
40MHz
50MHz
60-80MHz
1MHz
30MHz
60MHz
100MHz
40SS1041AXM LF
-1.4
-16
-12
-12
-10
-55
-45
-40
-33
Schematic
Mechanical
Bothhandusa.com
40SS1041AXM LF


Similar Part No. - 40SS1041AXMLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40SS1041AX-1LF BOTHHAND-40SS1041AX-1LF Datasheet
85Kb / 1P
40 PIN SMD ETHERNET 100 BASE -TX HIGH SPEED LAN MAGNETICS
40SS1041AXLF BOTHHAND-40SS1041AXLF Datasheet
84Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
More results

Similar Description - 40SS1041AXMLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1041AX_S BOTHHAND-40ST1041AX_S Datasheet
212Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX-Y BOTHHAND-40ST1041AX-Y Datasheet
215Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1024X BOTHHAND-40ST1024X Datasheet
273Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AX-E BOTHHAND-40ST1041AX-E Datasheet
286Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AXH BOTHHAND-40ST1041AXH Datasheet
286Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041AXMLF BOTHHAND-40ST1041AXMLF Datasheet
80Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE -TX HIGH SPEED LAN MAGNETICS
40ST1041RX BOTHHAND-40ST1041RX Datasheet
285Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041RXLF BOTHHAND-40ST1041RXLF Datasheet
263Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1041TX BOTHHAND-40ST1041TX Datasheet
292Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
40ST1044AX BOTHHAND-40ST1044AX Datasheet
288Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com