Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6925WD-SDSP Datasheet(PDF) 2 Page - Emcore Corporation

Part # 6925WD-SDSP
Description  Coarse Wavelength-division Multiplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6925WD-SDSP Datasheet(HTML) 2 Page - Emcore Corporation

  6925WD-SDSP Datasheet HTML 1Page - Emcore Corporation 6925WD-SDSP Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Min
Typ
Max
Units
Operating Temp. Range
0
+65
°C
Storage Temp. Range
-40
+85
°C
Humidity
5
90
%
Weight
5.5
lbs
2.4
kg
Dimensions
19.0 x 1.75 x 11.8
in.
483 x 45 x 300 mm
Min
Typ
Max
Units
Center Wavelengths
1471, 1491, 1511, 1531
1551, 1571, 1591, 1611
nm
0.5 dB Passband
15
nm
Ripple of Passband
0.4
dB
Insertion Loss
3.6
4.5
dB
Channel Uniformity (1)
1.5
dB
Isolation of Adjacent Ch.
25
dB
Isolation of Non-Adjacent Ch.
40
dB
Directivity
55
dB
Polarization Dependent Loss
0.2
dB
Return Loss
45
dB
PMD
0.1
ps
Thermal Stability
0.007
dB/°C
Optical Power
250
mW
8 Channel Models
Min
Typ
Max
Units
4 Channel Models
Center Wavelengths
1511, 1531, 1551, 1571
nm
0.5 dB Passband
15
dB
Ripple of Passband
0.4
dB
Insertion Loss
2.0
2.5
dB
Channel Uniformity (1)
1.2
dB
Isolation of Adjacent Ch.
25
dB
Isolation of Non-Adjacent Ch.
40
dB
Directivity
55
dB
Polarization Dependent Loss
0.1
dB
Return Loss
45
dB
PMD
0.1
ps
Thermal Stability
0.006
dB/°C
Optical Power
250
mW
6 Channel Models
Center Wavelengths
1471, 1491, 1511, 1531
1551, 1571
nm
0.5 dB Passband
CW ±7
nm
Ripple of Passband
0.3
dB
Insertion Loss
2.8
3.4
dB
Channel Uniformity (1)
1.2
dB
Isolation of Adjacent Ch.
28
dB
Isolation of Non-Adjacent Ch.
40
dB
Directivity
50
dB
Polarization Dependent Loss
0.2
dB
Return Loss
45
dB
PMD
0.1
ps
Thermal Stability
0.006
dB/°C
Optical Power
250
mW
(1)
Channel uniformity is given at the center wavelength.
Rev. 2.4, 01/25/05
Optical Characteristics*
*System performance specifications indicated for use with single-mode fiber. Contact Force for complete performance specifications.
Optical Characteristics cont.*
Environmental and Physical Characteristics*
CWDM and Optical Jumper P/N
8000-0241-03
1 Meter
Optical Jumper Options
SM Optical Jumper, SC/APC Conn.
8000-0241-04
3 Meters
6925WM-SDSP/4
4-ch.
CWDM Options
Mux, 1RU, SC/APC Conn.
Demux, 1RU, SC/APC Conn.
6925WM-SDSP/6
6925WM-SDSP/8
6-ch.
8-ch.
6925WD-SDSP/4
6925WD-SDSP/6
6925WD-SDSP/8
Model 6925 CWDM Front and Rear Panel Views
Specifications and Ordering Information
Specifications and Ordering Information
825 Park Street, Christiansburg, VA 24073
USA (800) 732-5252 • TEL (540) 382-0462 • FAX (540) 381-0392
csr-sales@forceinc.com • www.forceinc.com
Force
Optical Broadcast Systems
Force, Incorporated reserves the right to make changes to the product described in this document in the interest of product improvement.
© 2005 by Force, Incorporated.
All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com