Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACK1122 Datasheet(PDF) 1 Page - Emcore Corporation

Part # RACK1122
Description  Integrated Microwave Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

RACK1122 Datasheet(HTML) 1 Page - Emcore Corporation

  RACK1122 Datasheet HTML 1Page - Emcore Corporation RACK1122 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET – NOVEMBER 2007
Specifications
Electrical
RF Connectors
SMA (female, 50
Ω)
Frequency Range
0.05 to 18 GHz
TX RF Input Power
-30 dBm, max
Input IP3 at 18 GHz
-22 dBm, typical
Input P1dB at 18 GHz
-28 dBm, typical
RX RF Output Power Range
-30 dBm, typical
Optical
Wavelength
1550
± 6 nm
Connectors
SC/APC
TX Optical Output Power
+6 to +8 dBm
Optical Power Stability
<
± 0.5 dBm over temperature and time
RX Optical Input Power
0 to +6 dBm for AGC operation with constant RF output
Physical
Configuration
Self Contained 1 RU Housing, 19” Rack
Dimensions
1.75” H x 17” W x 14” D
Operating/Storage Temperature 0
°C to +50°C
Power Requirements
110 VAC @ 100W
Interface and Control
RF Gain Control
Optical AGC
Front Panel Indicators
Power, Link Status LED
Applications
Microwave Test Cell Antenna
Signal Remoting
Microwave Data Links
Broadband Delay-Line and
Signal Processing Systems
Frequency Distribution Systems
Features
Integrated externally modulated
transmitter, preamp, receiver
and post amp
Optical AGC
0.05 – 18 GHz specified
bandwidth
High dynamic range
1 RU rack mount package
Front panel RF and optical
connections
Integrated Microwave Transceiver
RACK1122
0.05 – 18 GHz, 1550 nm Externally Modulated Transmitter with Receiver and
Integrated AGC, Pre & Post Amps
The Emcore RACK1122 is an integrated, 1 RU high-performance
transceiver with guaranteed performance over the 0.05 – 18 GHz
frequency band.
It incorporates a high dynamic range externally
modulated transmitter, RF preamplifier, optical receiver, RF post
amplifier and optical AGC. It provides +6 dBm minimum of optical
output power. The optical AGC provides fixed gain operation for a
constant RF input power and varying optical link budgets.
The unit can be used to construct transparent optical links for
microwave test cell antenna remoting, microwave signal distribution,
microwave delay lines, point-to-point data links and other applications
where it is necessary to transport RF and microwave signals over long
distances without signal degradation.
The unit operates at a nominal optical wavelength of 1550 nm.
For more information on this and other products:
Contact Sales at Emcore 626-293-3400, or visit www.emcore.com


Similar Part No. - RACK1122

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RACK1100 HAMMOND-RACK1100 Datasheet
59Kb / 2P
Refroidisseurs deau
More results

Similar Description - RACK1122

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
RACK2022T EMCORE-RACK2022T Datasheet
296Kb / 2P
Integrated Microwave Transceiver
logo
Murata Manufacturing Co...
CLB09B5750K1000TC1 MURATA-CLB09B5750K1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09B5820K1000TC1 MURATA-CLB09B5820K1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09F9221M1000TC1 MURATA-CLB09F9221M1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09F9271M1000TC1 MURATA-CLB09F9271M1000TC1 Datasheet
163Kb / 2P
Microwave Integrated Circuits
CLB09F9331M1000TC1 MURATA-CLB09F9331M1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09F9391M1000TC1 MURATA-CLB09F9391M1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB09W1431Z1000TC1 MURATA-CLB09W1431Z1000TC1 Datasheet
161Kb / 2P
Microwave Integrated Circuits
CLB096U3R6K1000TC1 MURATA-CLB096U3R6K1000TC1 Datasheet
163Kb / 2P
Microwave Integrated Circuits
logo
Mini-Circuits
UVNA-63 MINI-UVNA-63 Datasheet
911Kb / 4P
MICROWAVE TRANSCEIVER KIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com