Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2001 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # AS2001
Description  ADSL POTS Splitter For CPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AS2001 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  AS2001 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AS2001
BAS0121/2006) Rev D
★
Compact package, includes connectors for ease of
installation
★
Design for G.dmt Application
★
100 mA DC Loop Current Capacity
Specifications
(Operating Temperature 5~40℃, Relative Humidity 20~90%)
POTS Port Impedance
600Ω
DC Resistance each line
12.5Ω Max
Insertion Loss @1004Hz
-1dB Max
Return Loss ERL
6 dB Min
3dB Cutoff Frequency
12KHz Typ
SRL-L
5 dB Min
Attenuation Distortion (dB)
SRL-H
3 dB Min
Short Loop
0.2 ~ 3.4 KHz
+1.5 to –1.5
Longitudinal Balance 0.2 ~1KHz
-58 dB Min
3.4 ~ 4 KHz
+2.0 to –2.0
1KHz~3KHz
-53 dB Min
Long Loop
0.2 ~ 3.4 KHz
+0.5 to –1.5
Attenuation @30~300KHz
-60dB Min
3.4 ~ 4 KHz
+1.0 to –1.5
@300~12000KHz
-55dB Min
Delay Distortion @0.6-3.2KHz
200uS Max
Isolation resistance tip/ring
5M ohm Min
@0.2-4.0KHz
250uS Max
POTS trip and ring DC Voltage
0-105V
Dimension
Schematic
Data sheet subject to change without notice
45.0
[1.77]
Connector Function
Style
Tip
Ring
J1
Modem
RJ11
Pin3
Pin4
J2
Line
RJ11
Pin3
Pin4
J3
Phone
RJ11
Pin3
Pin4
1
6
RJ11
Phone
Line
Modem
ADSL
SPLITTER AS2001
RoHS
Note:
1.
Data sheet subject to change without notice
2. RoHS printed for Lead Free product Add “LF”
(LF-AS2001) to order Lead Free product
Bothhandusa.com
ADSL POTS Splitter For CPE
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - AS2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS200 ETC-AS200 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS200 HOFFMANPRODUCTS-AS200 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
Skyworks Solutions Inc.
AS200-313 SKYWORKS-AS200-313 Datasheet
47Kb / 2P
PHEMT GaAs IC 2 W High Linearity 5-6 GHz T/R Switch
AS200-313 SKYWORKS-AS200-313 Datasheet
209Kb / 4P
PHEMT GaAs IC 2 W High-Linearity 5-6 GHz T/R Switch
AS200-313LF SKYWORKS-AS200-313LF Datasheet
209Kb / 4P
PHEMT GaAs IC 2 W High-Linearity 5-6 GHz T/R Switch
More results

Similar Description - AS2001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-10 BEL-0803-7700-10 Datasheet
141Kb / 2P
VDSL/POTS CO/CPE Splitter
logo
Filtran LTD
7200 FILTRAN-7200 Datasheet
182Kb / 2P
ADSL 24 CHANNEL POTS SPLITTER FOR ADSL
logo
Pulse A Technitrol Comp...
BX8270NL PULSE-BX8270NL Datasheet
111Kb / 1P
ADSL POTS CPE SPLITTER FILTER MODULE
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
logo
XFMRS Inc.
XF0063-AD5 XFMRS-XF0063-AD5 Datasheet
33Kb / 1P
ADSL POTS Splitter
logo
Bothhand USA, LP.
AD-320UK BOTHHAND-AD-320UK Datasheet
100Kb / 1P
ADSL CPE SIDE SPLITTER
AD-CO8PCN BOTHHAND-AD-CO8PCN Datasheet
104Kb / 2P
ADSL POTS SPLITTER MODULE
AD-8039J BOTHHAND-AD-8039J Datasheet
343Kb / 9P
ADSL CPE SIDE SPLITTER
logo
XFMRS Inc.
XF0063-AD5 XFMRS-XF0063-AD5 Datasheet
33Kb / 1P
ADSL POTS Splitter
XF0063-AD5 XFMRS-XF0063-AD5_15 Datasheet
33Kb / 1P
ADSL POTS SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com