Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEV-51MF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # DEV-51MF
Description  VDSL MICRO FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

DEV-51MF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  DEV-51MF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: DEV-51MF DATA SHEET
Feature
!
Design to meet, UL94v-0.
!
Operating temperature range: -10℃ to +60℃.
!
Storage temperature range: -25℃ to +75℃..
Electrical Specifications @ 25°C
DC to 3.4KHz
Passband Frequency
0.3KHz to 3.4KHz
Insertion Loss
-1.0dB Max@1004Hz
±1.5dB @200Hz~3.4KHz
Attenuation Distortion
±2.0dB @3.4KHz~4KHz
@ERL
-
6.0dB Min
@SRL-L
-
5.0dB Min
Return Loss
@SRL-H
-
3.0dB Min
DCR
25Ω Max
-25dB Min @25KHz
ADSL Band Attenuation
-30dB Min @30KHz
Schematic
Mechanical
Bothhandusa.com
VDSL MICRO FILTER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - DEV-51MF

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-07914 SPARKFUN-DEV-07914 Datasheet
467Kb / 9P
ProtoShield Quickstart Guide
DEV-08467 SPARKFUN-DEV-08467 Datasheet
99Kb / 1P
LilyPad Tri-Color LED
10/12/2015
logo
AG Electronica
DEV-08467 AGELECTRONICA-DEV-08467 Datasheet
168Kb / 1P
LED RGB LILYPAD
17/10/2017
logo
SparkFun Electronics
DEV-08776 SPARKFUN-DEV-08776 Datasheet
98Kb / 1P
LilyPad Button Board
10/13/2015
logo
AG Electronica
DEV-08776 AGELECTRONICA-DEV-08776 Datasheet
154Kb / 1P
BOTON LILYPAD
12/10/2017
More results

Similar Description - DEV-51MF

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DT60-1017A DELTA-DT60-1017A Datasheet
117Kb / 4P
VDSL Micro-Filter
logo
Pulse A Technitrol Comp...
B4015 PULSE-B4015 Datasheet
68Kb / 2P
VDSL FILTER SOLUTIONS
logo
Bothhand USA, LP.
513090688000 BOTHHAND-513090688000 Datasheet
237Kb / 1P
VDSL FILTER MODULE
VD-7012 BOTHHAND-VD-7012 Datasheet
107Kb / 1P
VDSL BANDPASS FILTER
VD-7025 BOTHHAND-VD-7025 Datasheet
103Kb / 1P
VDSL FILTER
VD-7026 BOTHHAND-VD-7026 Datasheet
104Kb / 1P
VDSL FILTER
VD-7027 BOTHHAND-VD-7027 Datasheet
103Kb / 1P
VDSL FILTER
VD-7028 BOTHHAND-VD-7028 Datasheet
104Kb / 1P
VDSL FILTER
VM-7063 BOTHHAND-VM-7063 Datasheet
312Kb / 1P
VDSL MICRO FILTER
VP-001 BOTHHAND-VP-001 Datasheet
245Kb / 1P
VDSL MICRO FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com