Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS102S Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS102S
Description  10 BASE-T INTERFACE MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS102S Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS102S Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:FS102S DATA SHEET
Feature
!
Robust design allows for toughest soldering processes.
!
Complies with or exceeds IEEE 802.3,10 Base-T
Requirements.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Characteristic
Filter Impedance (Ω)
Cross talk
(dB Min)
Part
Number
TX
RX
OCL (uH)
@100KHz, 0.1V
RX
CUT-OFF
Frequency
@5MHz
TX
RX
1-10MHz
FS102S
1CT:1.41CT
1CT:1CT
160
17 MHz ± 1.5MHz
52
100
-30
Continue
Insertion Loss
(dB Max) TX
Return Loss
(dB Min) TX
Attenuation
(dB Min) TX
CMR
(dB Min) TX
Part
Number
1–10MHz
5-10MHz
20MHz
25MHz
30MHz
40MHz
30-100MHz
FS102S
-1.0
-15
-5
-14
-24
-30
-30
Schematic
Mechanica
l
Bothhandusa.com
10 BASE-T INTERFACE MODULE
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - FS102S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
Liquid Flow Sensor Module
FS1023-1001-DG RENESAS-FS1023-1001-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1023-2001-DL RENESAS-FS1023-2001-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
FS1023-DG RENESAS-FS1023-DG Datasheet
534Kb / 11P
Gas Flow Sensor Module
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
Liquid Flow Sensor Module
08/30/2022
More results

Similar Description - FS102S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2013DG PCA-EPA2013DG Datasheet
50Kb / 2P
10 Base-T Interface Module
EPA1990AG PCA-EPA1990AG Datasheet
53Kb / 2P
10 Base-T Interface Module
EPA2352 PCA-EPA2352 Datasheet
35Kb / 1P
10 Base-T Interface Module
EPE6070 PCA-EPE6070 Datasheet
35Kb / 1P
10 Base-T Interface Module
EPE6089 PCA-EPE6089 Datasheet
21Kb / 1P
10 Base-T Interface Module
EPE6192-M PCA-EPE6192-M Datasheet
27Kb / 1P
10 Base-T Interface Module
EPE6192AG-M PCA-EPE6192AG-M Datasheet
30Kb / 2P
10 Base-T Interface Module
EPE6192GE PCA-EPE6192GE Datasheet
45Kb / 1P
10 Base-T Interface Module
logo
Bothhand USA, LP.
FB2026LF BOTHHAND-FB2026LF Datasheet
68Kb / 1P
10 BASE-T INTERFACE MODULE
logo
PCA ELECTRONICS INC.
EPE6272 PCA-EPE6272 Datasheet
165Kb / 1P
10 Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com