Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2009M Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2009M
Description  SURFACE MOUNT 10 BASE-T INTERFACE MODULES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2009M Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2009M Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
SURFACE MOUNT 10 BASE-T INTERFACE MODULES
P/N:FS2009M:APPLY TO GENERIC IC
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A4(02/12)
Feature
Available in enhanced or standard design versions.
Low profile surface mount package.
Designed for AMD, DEC,LSI, Motorola, and National
transceivers .
2350C peak infrared reflow temperature rating.
Operating temperature range: -40°C to +85°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk
Attenuation
(dB Min)
Part
Number
TX
RX
CUT-OFF
Frequency TX/RX
Voltage Isolation
(Vrms)
1-10MHz
FS2009M
1CT:1.41CT
1CT:1
17 MHz ± 1.5MHz
1500
-30
Continue
Insertion Loss
(dB Max) TX/RX
Return Loss
(dB Min) TX/RX
Attenuation
(dB Min) TX/RX
Common Mode
Rejection
(dB Min) TX/RX
Part
Number
1–10MHz
1-10 MHz
20MHz
25MHz
30MHz
40MHz
30-100MHz
FS2009M
-1.0
-14
-7/-5
-18/-11
-28/-16
-33/-26
-30
Schematic
Mechanica
l


Similar Part No. - FS2009M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2009M BOTHHAND-FS2009M Datasheet
222Kb / 2P
10 BASE-T ETHERNET SMD FILTER
More results

Similar Description - FS2009M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8231 FILTRAN-8231 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
Bothhand USA, LP.
FB2009 BOTHHAND-FB2009 Datasheet
43Kb / 1P
10 BASE-T INTERFACE MODULES
FS2015 BOTHHAND-FS2015 Datasheet
28Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE FILTER
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
10 BASE-T INTERFACE MODULES
FB2009D BOTHHAND-FB2009D Datasheet
268Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FB2009E BOTHHAND-FB2009E Datasheet
255Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FS2009A BOTHHAND-FS2009A_1 Datasheet
178Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FS2009E BOTHHAND-FS2009E Datasheet
266Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FS2009 BOTHHAND-FS2009 Datasheet
181Kb / 1P
SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com