Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS2023D Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS2023D
Description  10 BASE-T LAN MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS2023D Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS2023D Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:FS2023D DATA SHEET
Feature
!
Designed for transmit/receiver Filter.
!
Operating temperature range : 0℃ to +70℃.
!
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
Part
Number
TX
RX
CUT-OFF Frequency
HI-POT
(Vrms)
FS2023D
2CT:1CT
1CT:1CT
17 MHz ± 1.5MHz
1500
Continue
Insertion Loss
TX/RX (dB Max)
Attenuation
(dB Min)
Return Loss
(dB Min) @Load 100Ω
Cross talk
Attenuation
(dB Min)
Part
Number
1–10MHz
25MHz
30MHz
40MHz
5-10MHz
1-10MHz
FS2023D
-1.2
-5
-10
-16
-15
-30
Schematic
Mechanica
l
Bothhandusa.com
10 BASE-T LAN MAGNETICS
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - FS2023D

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2023 BOTHHAND-FS2023 Datasheet
30Kb / 1P
ETHERNET SMD FILTER
FS2023A BOTHHAND-FS2023A Datasheet
170Kb / 1P
10 BASE-T LAN MAGNETICS APPLY TO GENERIC IC
FS2023AM BOTHHAND-FS2023AM Datasheet
172Kb / 1P
ETHERNET SMD FILTER APPLY TO GENERIC IC
FS2023B BOTHHAND-FS2023B Datasheet
32Kb / 1P
ETHERNET SMD FILTER
FS2023B BOTHHAND-FS2023B Datasheet
180Kb / 1P
ETHERNET SMD FILTER
More results

Similar Description - FS2023D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S558-5999-T7-F BEL-S558-5999-T7-F Datasheet
98Kb / 2P
10/100BASE-T LAN MAGNETICS
logo
Bothhand USA, LP.
FB2023C BOTHHAND-FB2023C Datasheet
253Kb / 1P
10 BASE-T LAN MAGNETICS
NS0068B BOTHHAND-NS0068B Datasheet
263Kb / 1P
10/100 BASE-T PC CARD LAN MAGNETICS
NS0068C BOTHHAND-NS0068C Datasheet
263Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068D BOTHHAND-NS0068D Datasheet
267Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068LF BOTHHAND-NS0068LF Datasheet
274Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
NS0068 BOTHHAND-NS0068 Datasheet
276Kb / 1P
10/100/1000 BASE-T LAN MAGNETICS
TS6121LM BOTHHAND-TS6121LM Datasheet
268Kb / 1P
10/100 BASE-T LAN MAGNETICS
TS6121L BOTHHAND-TS6121L Datasheet
264Kb / 1P
10/100 BASE-T LAN MAGNETICS
TS7015 BOTHHAND-TS7015 Datasheet
194Kb / 1P
10 BASE-T LAN MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com