Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS7583LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # FS7583LF
Description  ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FS7583LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  FS7583LF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:FS7583 LF DATE SHEET
Feature
!
Designed to meet ATM 25.6 PHY specifications including
low frequency cutoff.
!
Supports STP 150Ω or UTP 100Ω transmission cable
!
Lead free for external pins.
!
Operating temperature range: 0℃ to +70℃.
!
Storage temperature range: -25℃to +125℃.
Electrical Specifications @ 25°C
Insertion Loss(dB)
Return Loss(dB Min)
Part
Number
12 KHz
4 MHz
16 MHz
24 MHz
36 MHz
1-17MHz
17-25MHz
FS7583 LF
-3.0 Max
-0.6 Max
-1.0 Max
-1.8 Max
-10 Min
-16
-9.0
Continue
Cross talk(dB Min)
Comm-Comm
Rejection(dB Min)
Part
Number
5 MHz
16 MHz
24 MHz
5 MHz
20 MHz
200 MHz
HI-POT
Vrms
FS7583 LF
-50
-50
-46
-20
-25
-20
600
Schematic
Mechanica
l
Bothhandusa.com
ATM 25 MBPS FILTER/MAGNETIC MODULES
AND TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - FS7583LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS7583 BOTHHAND-FS7583 Datasheet
264Kb / 1P
ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMER
More results

Similar Description - FS7583LF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S556-2006-32 BEL-S556-2006-32 Datasheet
224Kb / 2P
ATM 25.6 MBPS FILTER MODULE
S558-5999-85 BEL-S558-5999-85 Datasheet
245Kb / 2P
ATM 25.6 MBPS INTERFACEMODULE
logo
Rhombus Industries Inc.
T-11229 RHOMBUS-IND-T-11229 Datasheet
29Kb / 1P
ATM 25.6 MBPS INTERFACE TRANSFORMER
logo
Premier Magnetics, Inc.
PM-7583 PMI-PM-7583 Datasheet
41Kb / 2P
25.6 MBPS ATM FILTERS MODULES & SMD ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
XFMRS Inc.
XF3506T2 XFMRS-XF3506T2 Datasheet
41Kb / 1P
ATM 25 MBPS FILTER
logo
Bothhand USA, LP.
FS7583 BOTHHAND-FS7583 Datasheet
264Kb / 1P
ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMER
S7582 BOTHHAND-S7582 Datasheet
77Kb / 1P
ATM 25MBPS FILTER/MAGNETIC MODULES AND TRANSFORMER
logo
XFMRS Inc.
XF3506T2 XFMRS-XF3506T2 Datasheet
41Kb / 1P
ATM 25 MBPS FILTER
logo
Pulse A Technitrol Comp...
PE-67583T PULSE-PE-67583T Datasheet
157Kb / 6P
ATM 25 MBPS FILTER/MAGNETIC MODULES AND TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com