Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS5014LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # GS5014LF
Description  1000 BASE -T DUAL PORT MAGNETICS MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GS5014LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  GS5014LF Datasheet HTML 1Page - Bothhand USA, LP. GS5014LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T DUAL PORT MAGNETICS MODULES
P/N: GS5014 LF DATA SHEET
Page : 1/2
Feature
l
Designed for Ethernet 100/1000 BASE-T, full duplex
applications.
l
Supports 8 pairs of category 5 UTP cable.
l
Cable interface for isolation and low common mode
emissions.
l
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
GS5014 LF
1CT:1CT
1CT:1CT
350
-40
-35
-30
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz
100MHz
30MHz
60MHz
100MHz
GS5014 LF
-1.0
-18
-14.4
-13.1
-12
-10
-43
-37
-33
Schematic
Bothhandusa.com
GS5014 LF


Similar Part No. - GS5014LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5014 BOTHHAND-GS5014 Datasheet
642Kb / 6P
1000 BASE-T MAGNETICS MODULES
GS5014 BOTHHAND-GS5014 Datasheet
188Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5014-1LF BOTHHAND-GS5014-1LF Datasheet
91Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
More results

Similar Description - GS5014LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
GS5012 BOTHHAND-GS5012 Datasheet
195Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
GS5014 BOTHHAND-GS5014 Datasheet
188Kb / 3P
1000 BASE -T DUAL PORT MAGNETICS MODULES
G2P109NLF BOTHHAND-G2P109NLF Datasheet
86Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
G4P109-D BOTHHAND-G4P109-D Datasheet
160Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109-ILF BOTHHAND-G4P109-ILF Datasheet
108Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109-I BOTHHAND-G4P109-I Datasheet
136Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109NLF BOTHHAND-G4P109NLF Datasheet
99Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
G4P109 BOTHHAND-G4P109 Datasheet
160Kb / 2P
1000 BASE -T QUAD PORT MAGNETICS MODULES
GS5012MLF BOTHHAND-GS5012MLF Datasheet
514Kb / 2P
1000 BASE-T DUAL PORT MAGNETICS MODULES
GS5014-1LF BOTHHAND-GS5014-1LF Datasheet
91Kb / 2P
1000 BASE -T DUAL PORT MAGNETICS MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com