Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2V3SJS-032A Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTL2V3SJS-032A
Description  Property of Lite-On Only
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2V3SJS-032A Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTL2V3SJS-032A Datasheet HTML 3Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 4Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 5Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 6Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 7Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 8Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 9Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 10Page - Lite-On Technology Corporation LTL2V3SJS-032A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Bin Code List For Reference
Luminous Intensity Iv(mcd)
IF@20mA
Bin Code
Min.
Max.
T
2500
3200
U
3200
4200
V
4200
5500
W
5500
7200
Note: Tolerance of each bin limit is ±15%
Dominant Wavelength λd(nm)
IF@20mA
Bin Code
Min.
Max.
0
582.0
584.5
A
584.5
587.0
B
587.0
589.5
C
589.5
592.0
D
592.0
594.5
E
594.5
597.0
Note: Tolerance of each bin limit is ±1nm
Forward Voltage Vf (Volts)
IF@20mA
Bin Code
Min.
Max.
0
1.7
1.8
1
1.8
1.9
2
1.9
2.0
3
2.0
2.1
4
2.1
2.2
5
2.2
2.3
6
2.3
2.4
Part No. : LTL2V3SJS-032A
Page :
7
of
11
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com