Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2V3SSDS Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part # LTL2V3SSDS
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2V3SSDS Datasheet(HTML) 7 Page - Lite-On Technology Corporation

Back Button LTL2V3SSDS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 9Page - Lite-On Technology Corporation LTL2V3SSDS Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
CAUTIONS
1. Application
The LEDs described here are intended to be used for ordinary electronic equipment (such as office equipment,
communication equipment and household applications).Consult Liteon’s Sales in advance for information on
applications in which exceptional reliability is required, particularly when the failure or malfunction of the
LEDs may directly jeopardize life or health (such as in aviation, transportation, traffic control equipment,
medical and life support systems and safety devices).
2. Storage
The storage ambient for the LEDs should not exceed 30°C temperature or 70% relative humidity.
It is recommended that LEDs out of their original packaging are used within three months.
For extended storage out of their original packaging, it is recommended that the LEDs be stored in
a sealed container with appropriate desiccant or in desiccators with nitrogen ambient.
3. Cleaning
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LEDs if necessary.
4. Lead Forming & Assembly
During lead forming, the leads should be bent at a point at least 3mm from the base of LED lens.
Do not use the base of the lead frame as a fulcrum during forming.
Lead forming must be done before soldering, at normal temperature.
During assembly on PCB, use minimum clinch force possible to avoid excessive mechanical stress.
5. Soldering
When soldering, leave a minimum of 2mm clearance from the base of the lens to the soldering point.
Dipping the lens into the solder must be avoided.
Do not apply any external stress to the lead frame during soldering while the LED is at high temperature.
Recommended soldering conditions :
Soldering iron
Wave soldering
Temperature
Soldering time
300°C Max.
3 sec. Max.
(one time only)
Pre-heat
Pre-heat time
Solder wave
Soldering time
100°C Max.
60 sec. Max.
260°C Max.
10 sec. Max.
Note: Excessive soldering temperature and/or time might result in deformation of the LED lens or catastrophic
failure of the LED. IR reflow is not suitable process for through hole type LED lamp product.
Part No. : LTL2V3SSDS
Page :
7
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com