Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2V3TCK7 Datasheet(PDF) 10 Page - Lite-On Technology Corporation

Part # LTL2V3TCK7
Description  Property of Lite-On Only
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2V3TCK7 Datasheet(HTML) 10 Page - Lite-On Technology Corporation

Back Button LTL2V3TCK7 Datasheet HTML 2Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 3Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 4Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 5Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 6Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 7Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 8Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 9Page - Lite-On Technology Corporation LTL2V3TCK7 Datasheet HTML 10Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
8. Reliability Test
Classification
Test Item
Test Condition
Reference Standard
Operation Life
Ta= Under Room Temperature As
Per Data Sheet Maximum Rating
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-750D:1026 (1995)
MIL-STD-883D:1005 (1991)
JIS C 7021:B-1 (1982)
High Temperature
High Humidity
Storage
Ta= 65±5℃
RH= 90 ~ 95%
Test Time= 240HRS±2HRS
MIL-STD-202F: 103B(1980)
JIS C 7021 : B-11(1982)
High Temperature
High Humidity
Reverse BIAS
Ta= 65±5℃
RH= 90 ~ 95%
VR=5V
Test Time = 500HRS (-24HRS, +48HRS)
JIS C 7021 : B-11(1982)
High Temperature
Storage
Ta= 105±5℃
*Test Time= 1000HRS (-24HRS,+72HRS)
MIL-STD-883D:1008 (1991)
JIS C 7021:B-10 (1982)
Endurance
Test
Low Temperature
Storage
Ta= -55±5℃
*Test Time=1000HRS (-24HRS,+72HRS)
JIS C 7021:B-12 (1982)
Temperature
Cycling
105℃~ 25℃~ -55℃~ 25℃
30mins 5mins
30mins 5mins
10 Cycles
MIL-STD-202F:107D (1980)
MIL-STD-750D:1051(1995)
MIL-STD-883D:1010 (1991)
JIS C 7021: A-4(1982)
Thermal
Shock
105 ± 5℃~ -55
± 5
℃℃
10mins
10mins
10 Cycles
MIL-STD-202F:107D(1980)
MIL-STD-750D:1051(1995)
MIL-STD-883D:1011 (1991)
Solder
Resistance
T.sol = 260 ± 5℃
Dwell Time= 10 ± 1secs
MIL-STD-202F:210A(1980)
MIL-STD-750D:2031(1995)
JIS C 7021: A-1(1982)
Environmental
Test
Solderability
T. sol = 230 ± 5℃
Dwell Time= 5 ± 1secs
MIL-STD-202F:208D(1980)
MIL-STD-750D:2026(1995)
MIL-STD-883D:2003(1991)
JIS C 7021: A-2(1982)
9. Others
The appearance and specifications of the product may be modified for improvement, without prior notice.
Part No. : LTL2V3TCK7
Page :
10
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com