Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B59118 Datasheet(PDF) 2 Page - EPCOS

Part # B59118
Description  PTC thermistors for switching applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59118 Datasheet(HTML) 2 Page - EPCOS

  B59118_09 Datasheet HTML 1Page - EPCOS B59118_09 Datasheet HTML 2Page - EPCOS B59118_09 Datasheet HTML 3Page - EPCOS B59118_09 Datasheet HTML 4Page - EPCOS B59118_09 Datasheet HTML 5Page - EPCOS B59118_09 Datasheet HTML 6Page - EPCOS B59118_09 Datasheet HTML 7Page - EPCOS B59118_09 Datasheet HTML 8Page - EPCOS B59118_09 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Applications
Switching PTC thermistor for preheating of
the electrodes in electronic ballasts
Features
Coated thermistor disk, kinked leads
Long product life: stable performance
throughout at least 30 000 switching cycles
Marked with manufacturer's logo and type
designation
RoHS-compatible
Delivery mode
C1118 cardboard strips; S1076 taped in
AMMO pack
Dimensional drawing
Dimensions (mm)
Type
Tref
°C
wmax
hmax
∅d
C1118
80
6.5
10.0
0.6
C1118
120
6.5
10.0
0.6
S1076
120
7.5
14.5
0.6
General technical data
Switching cycles
N
> 30000
Tolerance of RR
∆R
R
±25
%
Frequency
f
≤ 70
kHz
Operating temperature range
(V = 0)
Top
25/+125
°C
Operating temperature range
(V = Vmax)
Top
10/+80
°C
Electrical specifications and ordering codes
Type
RR
Ω
Vmax
(t
≤ 200 ms)
VRMS
ISmax
(V = Vmax)
mA
tS @ ISmax
s
Tref
(typ.)
°C
Ordering code
C1118
70
310
400
0.9
80
B59118C1080A070
C1118
70
310
400
1.75
120
B59118C1120A070
S1076
110
310
600
0.7
120
B59076S1120B054
Switching applications
for electronic ballast
C1118, S1076
Page 2 of 9
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com