Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B64290 Datasheet(PDF) 2 Page - EPCOS

Part # B64290
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290 Datasheet(HTML) 2 Page - EPCOS

  B64290 Datasheet HTML 1Page - EPCOS B64290 Datasheet HTML 2Page - EPCOS B64290 Datasheet HTML 3Page - EPCOS B64290 Datasheet HTML 4Page - EPCOS B64290 Datasheet HTML 5Page - EPCOS B64290 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ Epoxy coating
R 102
× 65.8 × 15.0 (mm)
R 4.016
× 2.591 × 0.591 (inch)
Dimensions
Characteristics and ordering codes
■ Without coating
R 140
× 103 × 25.0 (mm)
R 5.512
× 4.055 × 0.984 (inch)
Dimensions
Characteristics and ordering codes
1) On request
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
102.0
±2.0 65.8 ±1.3
15.0
±0.5
4.016
±0.079 2.591 ±0.051 0.591 ±0.020 uncoated1)
104.8 max. 63.7 min.
16.3 max.
4.126 max.
2.508 min.
0.642 max.
coated
Mate-
rial
AL value
nH
µ
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
Σl/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
2880
±25% 2200
B64290L0084X087
0.96
255.3
267.2
68220
330
N30
5500
±25% 4200
B64290L0084X830
T65
6500
±30% 5000
B64290L0084X065
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
140.0
±3.0 103 ±2.0
25.0
±1.0
5.512
±0.118 4.055 ±0.079 0.984 ±0.039 uncoated
143.8 max. 100.2 min.
26.8 max.
5.661 max.
3.945 min.
1.055 max.
coated1)
Mate-
rial
AL value
nH
µ
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
Σl/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N30
6200
±25% 4000
B64290A0705X830
0.82
375.8
458.9
172440 860
B64290L0084
B64290A0705
R 140
× 103 × 25.0
R 102
× 65.8 × 15.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com