Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65522 Datasheet(PDF) 2 Page - EPCOS

Part # B65522
Description  PM/P/P Cores Halves/EP/TT/PR Cores
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65522 Datasheet(HTML) 2 Page - EPCOS

  B65522 Datasheet HTML 1Page - EPCOS B65522 Datasheet HTML 2Page - EPCOS B65522 Datasheet HTML 3Page - EPCOS B65522 Datasheet HTML 4Page - EPCOS B65522 Datasheet HTML 5Page - EPCOS B65522 Datasheet HTML 6Page - EPCOS B65522 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 60133
■ Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with center
hole
without
center hole
Σl/A
le
Ae
Amin
Ve
1.25
12.5
10
—
125
1.13
13.4
11.9
9.3
159
mm–1
mm
mm2
mm2
mm3
m0.8
1.0
g
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
25
±3%
0.45
25
B65517+0025A001
40
±3%
0.26
40
B65517+0040A001
M33
63
±3%
0.20
63
B65517D0063A033
N48
100
±3%
0.10
100
B65517+0100A048
160
±3%
0.06
159
B65517+0160A048
200
±3%
0.04
200
B65517D0200A048
250
±5%
0.03
249
B65517D0250J048
Material
AL value
nH
µ
e
Ordering code
-D with center hole
-W without center hole
N48
1300 +30/–20%
1290
B65517D0000R048
N30
2500 +30/–20%
2490
B65517D0000R030
T38
5500 +40/–30%
4930
B65517W0000Y038
FPK0356-F
ø2+0.1
0.3
5.8 _
0.2
ø3.9 _
M1.4
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65517
Core
P 9
× 5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com