Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65701 Datasheet(PDF) 4 Page - EPCOS

Part # B65701
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65701 Datasheet(HTML) 4 Page - EPCOS

  B65701 Datasheet HTML 1Page - EPCOS B65701 Datasheet HTML 2Page - EPCOS B65701 Datasheet HTML 3Page - EPCOS B65701 Datasheet HTML 4Page - EPCOS B65701 Datasheet HTML 5Page - EPCOS B65701 Datasheet HTML 6Page - EPCOS B65701 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Mounting assembly for printed circuit boards
■
The set comprises a terminal carrier and a yoke
■
For snap-in connection
Terminal carrier
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 85:
F
max. operating temperature 155 °C), color code gray
Pocan B4235®
[E245249 (M)], LANXESS AG
Solderability: to IEC 68-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 68-2-20, test Tb, method 1B: 350 °C, 3.5 s
Yoke
Spring yoke, made of tinned nickel silver (0.5 mm), with ground terminal
Complete mounting assembly (8 solder terminals)
Ordering code: B65705B0003X000
1) The 2.8 mm hole is only necessary for additional fixing with M 2.5 screw.
a) Yoke
b) Terminal carrier with 8 solder terminals
Hole arrangement
View in mounting direction
This recess must be on the side of the
grounding pin to ensure that the yoke
locks into position.
Grounding pin
Ground
B65705
Accessories
P 30
s 19



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com