Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65713 Datasheet(PDF) 3 Page - EPCOS

Part # B65713
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65713 Datasheet(HTML) 3 Page - EPCOS

  B65713_06 Datasheet HTML 1Page - EPCOS B65713_06 Datasheet HTML 2Page - EPCOS B65713_06 Datasheet HTML 3Page - EPCOS B65713_06 Datasheet HTML 4Page - EPCOS B65713_06 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Coil former
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code black
Valox 420-SE0® [E45329 (M)], GE PLASTICS B V
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3.5 s
Winding:
see Data Book 2007, chapter “Processing notes, 2.1”
Pins squared in the start-of-winding area.
Also available without solder pins.
Sections
AN
mm2
lN
mm
AR value
µΩ
Solder
pins
Ordering code
1
657
158
8.27
20
B65714K1020T001
1
657
158
8.27
—
B65714J1000T001
FPM0022-K
32,1+0,4
101 max.
Marking of solder pin 1
6,7 max.
ø35,5 max.
1,2 x 0,6
2,54
ø3,5+0,2
ø1,6+0,15
1
10
11
20
in mounting direction
Hole arrangement view
81,28
Hole arrangement
View in mounting direction
B65714
Accessories
PM 87/70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com