Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65928 Datasheet(PDF) 2 Page - EPCOS

Part # B65928
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65928 Datasheet(HTML) 2 Page - EPCOS

  B65928_06 Datasheet HTML 1Page - EPCOS B65928_06 Datasheet HTML 2Page - EPCOS B65928_06 Datasheet HTML 3Page - EPCOS B65928_06 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core
■ To IEC 62323
■ Recommended for new designs
■ For inductive proximity switches
■ Material N22 for the frequency
range from about 20 to 200 kHz
Coil former
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Valox 420-SE0® [E45329 (M)], GE PLASTICS B V
Material
Approx. weight
g
Ordering code
N22
130
B65928A0000X022
AN
mm2
lN
mm
AR value
µΩ
Ordering code
77
140
62
B65946B0000T001
FPK0193-7
8+1
57,5+1,8
68
9+0,6
2,2
_
14,5 1
_
FPK0194-F
1,2
1,2
8,8 _0,15
N
A
B65928, B65946
Core and accessories
PS 68
× 14.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com