Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65935 Datasheet(PDF) 2 Page - EPCOS

Part # B65935
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65935 Datasheet(HTML) 2 Page - EPCOS

  B65935_06 Datasheet HTML 1Page - EPCOS B65935_06 Datasheet HTML 2Page - EPCOS B65935_06 Datasheet HTML 3Page - EPCOS B65935_06 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core
■ To IEC 62323
■ Recommended for new designs
■ For inductive proximity switches
■ Material N22 for the frequency
range from about 80 to 800 kHz
■ Material M33 for higher
frequencies up to about 1.6 MHz
Coil former with positioning lug
Material:
GFR polyterephthalate (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Pocan B4235® [E245249 (M)], LANXESS AG
Material
Approx. weight
g
Ordering code
N22
0.6
B65935E0000X022
M33
0.6
B65935E0000X033
AN
mm2
lN
mm
AR value
µΩ
Ordering code
1.5
18.6
470
B65936A0000T001
FPK0292-5
7,3+0,3
0,4
9 _
1,9
2,6+0,2
_
3,5 0,1
Positioning lug
B65935, B65936
Core and accessories
PS 9
× 3.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com