Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65943 Datasheet(PDF) 2 Page - EPCOS

Part # B65943
Description  Ferrites and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65943 Datasheet(HTML) 2 Page - EPCOS

  B65943_07 Datasheet HTML 1Page - EPCOS B65943_07 Datasheet HTML 2Page - EPCOS B65943_07 Datasheet HTML 3Page - EPCOS B65943_07 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 02/07
Please read
Cautions and warnings and
Important notes at the end of this document.
■
To IEC 62323
■
Recommended for new designs
■
For inductive proximity switches
■
Material N22 for the frequency
range from about 30 to 300 kHz
Material
Approx. weight
g
Ordering code
N22
62
B65943A0000X022
FPK0334-J
6
8.1
39+1.1
47 1.3
_
10+0.5
14.9 0.7
_
B65943
Core
PS 47
• 14.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com