Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCLDB4 Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # MCLDB4
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

MCLDB4 Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  MCLDB4 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd MCLDB4 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
MCLDB3/MCLDC34/MCLDB4/MCLDB6
SILICON BIDIRECTIONAL DIAC
FEATURES
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
The three layer, two terminal, axial lead, hermetically sealed diacs are
designed specifically for triggering thyristors. They demonstrate low breakover
current at breakover voltage as they withstand peak pulse current, The breakover
symmetry is within three volts(DB3,DC34,DB4) or four volts(DB6). These diacs are
intended for use in thyrisitors phase control , circuits for lamp dimming, universal
motor speed control ,and heat control.
JF's DB3/DC34/DB4/DB6 are bi-directional trigged diode designed to operate
in conjunction with Triacs and SCR's
Power Dissipation on Printed
Circuit(L=10mm)
Breakover Voltage (Note 2 )
Breakover Voltage Symmetry
C=22nF(Note 2)
See diagram 1
C=22nF(Note 2)
See diagram 1
C=22nF(Note 2)
Min
Min
Min
Typ
28
32
36
30
34
38
35
40
45
56
60
70
+4
+3
5
10
5
100
1.5
10
Max
Max
Max
Max
Typ
I=(I
to IF=10mA)
See Diagram 1
BO
See Diagram 2
See Diagram 3
V =0.5 V
max
see diagram 1
BBO
Breakover Current (Note1)
Leakage Current (Note1)
Dynamic Breakover Voltage (Note1)
Rise Time (Note1)
Output Voltage (Note 1 )
PC
mW
A
TSTG/TJ
T =50 C
A
tp=10 s
F=100Hz
m
Repetitive Peak on-state
Current
Storage and Operating Junction Temperature
-40 to+125/-40 to 110
C
V
V
V
V
mA
mS
mA
ITRM
VBO
I+V
I-
BO
I+ V I
VO
IBO
IB
tr
I- V
I
BO
2.0
2.0
2.0
16
150
Notes: 1.Electrical characteristics applicable in both forward and reverse directions.
2.Connected in parallel with the devices.
MECHANICAL DATA
Case
Weight
:
:
Micro-MELF glass case
Approx. 0.03 gram
Micro-MELF
Dimensions in inches and (millimeters)
Value
MCLDB3 MCLDC34
MCLDB4
MCLDB6
Units
Parameters
Symbols
Test Condition
Symbols
Parameters
Value
MCLDB3
MCLDC34
MCLDB4
MCLDB6
Units
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657 FAX:86-531-6947096
WWW.JIFUSEMICON.COM
3-6


Similar Part No. - MCLDB4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MCL FESTO-MCL Datasheet
66Kb / 1P
Indicating insert
MCL-230AC FESTO-MCL-230AC Datasheet
68Kb / 1P
Indicating insert
MCL-24AC FESTO-MCL-24AC Datasheet
67Kb / 1P
Indicating insert
MCL-24DC FESTO-MCL-24DC Datasheet
67Kb / 1P
Indicating insert
MCL-24DC/AC FESTO-MCL-24DC/AC Datasheet
67Kb / 1P
Indicating insert
More results

Similar Description - MCLDB4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com