Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCLDB6 Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # MCLDB6
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

MCLDB6 Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  MCLDB6 Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd MCLDB6 Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES MCLDB3/MCLDC34/MCLDB4/MCLDB6
DIAGRAM 1: Current-voltage characteristics
FIG.1-Power dissipation versus ambient
temperature (maximum values)
FIG.3-Peak pulse current versus pulse duration
(maximum values)
FIG.2-Relative variation of VBO versus junction
temperature(typical values)
DIAGRAM 2: Test circuit for output voltage
DIAGRAM 3: Test circuit see diagram2 adjust R for
I =0.5A
P
10mA
IBO
IB
0.5 VBO
VBO
IP
90%
10%
tr
10K
W
220V
50Hz
500K
W
D.U.T
R=20
W
VO
0.1 F
m
V
+IF
-IF
+V
-V
Tamb( C)
P (mW)
V(T )
V (T =25 C)
BO
J
BO
J
F=100Hz
T initial=25 C
J
ITRM(A)
tp( s)
m
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657 FAX:86-531-6947096
WWW.JIFUSEMICON.COM
3-7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com