Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPRGP Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # RGPRGP
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

RGPRGP Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  RGPRGP Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd RGPRGP Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RGP30A THRU RGP30M
FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 1000 Volts
Forward Current:3.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750,Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.041 OUNCE,1.18 grams
Note: 1.Test conditions: IF=0.5A,IR=1.0A,IRR=0.25A.
(Rating at 25 C ambient temperature unless otherwise specified.Single phase ,half wave ,60HZ,resistive or inductive
load. For capacitive load,derate current by 20%.)
2.Measured at 1MHZ and applied reverse voltage of 4.0 Volts.
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Trr
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375"(9.5mm)lead length at TA=75 C
Maximum Instantaneous Forward Voltage
at 3.0A
Operating junction and storage temperature
range
Maximum reverse recovery time(Note1)
Typical junction capacitance(Note2)
Maximum DC Reverse Current
at rated DC
blocking voltage
TA=25 C
TA=55 C
-65 to+150
150
150
65
500
250
10
C
TJ
50
50
35
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
125
1.3
ns
3.0
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
DO-201AD
Dimensions in inches and (millimeters)
0.375(9.50)
0.210(5.3)
0.052(1.32)
1.0(25.4)
MIN
1.0(25.4)
MIN
0.285(7.20)
0.190(4.8)
DIA
0.048(1.22)
DIA
P
F
R
SEMICONDUCTOR
GPRC( Glass Passivated Rectifier Chip) inside
Glass passivated cavity-free junction
Fast switching
Low leakage, Low forward voltage drop
High current capability,High current surge
High reliability
Symbols
Units
RGP
30A
RGP
30B
RGP
30D
RGP
30G
RGP
30J
RGP
30K
RGP
30M
GP
RC
9-36
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657
FAX:86-531-6947096
WWW.JIFUSEMICON.COM


Similar Part No. - RGPRGP

ManufacturerPart #DatasheetDescription
logo
Rohm
RGPR10BM40FH ROHM-RGPR10BM40FH Datasheet
1Mb / 10P
430V 20A Ignition IGBT
RGPR20NL43HR ROHM-RGPR20NL43HR Datasheet
921Kb / 10P
430V 20A Ignition IGBT
2019.07 - Rev.A
RGPR20NS43 ROHM-RGPR20NS43 Datasheet
759Kb / 11P
430V 20A Ignition IGBT
RGPR30BM40 ROHM-RGPR30BM40 Datasheet
719Kb / 11P
400V 30A Ignition IGBT
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
400V 30A Ignition IGBT
More results

Similar Description - RGPRGP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com