Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS Datasheet(PDF) 1 Page - Jinan Jingheng (Group) Co.,Ltd

Part # SD103CWS
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

SD103CWS Datasheet(HTML) 1 Page - Jinan Jingheng (Group) Co.,Ltd

  SD103CWS Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
SD103AWS TH U SD103CWS
R
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
For general purpose applications
The SD103AWS to SD103CWS series is a Metal-on-silicon Schottky barrier device
which is protected by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of MOS devices,
steering, biasing, and coupling diodes for fast switching and low logic
level applications. Other applications are click suppressions, efficient full
wave bridges in telephone subsets, and blocking diodes in rechargeable
low voltage battery systems.
These diodes are also available in the Mini-MELF case with the type
designation LL103A toLL103C ,in the DO-35 case with type
designation SD103A to SD103C and in the SOD-123 case with type
designation SD103AW to SW103CW
Leakage current at V =30V
R
V =20V
V =10V
R
R
Forward voltage drop at I =20mA
I =200mA
F
F
(Ratings at 25 C ambient temperature unless otherwise specified)
0.37
0.6
5
5
5
50
10
Reverse Recovery time at I =I =50mA,recover to 200mA
recover to 0.1 R
FR
I
Junction Capacitance at V =0V ,f=1MHz
R
VRRM
VRRM
VRRM
mW
A
V
V
V
TSTG
Ptot
TJ
Power Dissipation (infinite Heat Sink)
Peak Reverse Voltage
Storage Temperature Range
Junction temperature
Maximum Single cycle surge 60Hz sine wave
-55 to+150
C
C
C
V
V
mA
mA
mA
pF
ns
IFSM
VF
VF
IR
IR
IR
CJ
trr
125
15
400
1)
40
30
20
Case
Weight
:
:
SOD-323 plastic case
Approx. 0.004 gram
1) Valid provided that electrodes are kept at ambient temperature
Thermal resistance,junction to Ambient
R
qJA
1) Valid provided that electrodes are kept at ambient temperature(SOD-323)
/W
650
1)
SOD-323
Dimensions in inches and (millimeters)
1.7+0.1
(
(
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
SD103AWS
SD103BWS
SD103CWS
SD103AWS
SD103BWS
SD103CWS
JINAN JINGHENG CO., LTD.
NO.51 HEPING ROAD PR CHINA
TEL:86-531-6943657 FAX:86-531-6947096
WWW.JIFUSEMICON.COM
2-116
JF


Similar Part No. - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103CWS GE-SD103CWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103CWS WEITRON-SD103CWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
406Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
More results

Similar Description - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com