Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N22 Datasheet(PDF) 2 Page - EPCOS

Part # N22
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N22 Datasheet(HTML) 2 Page - EPCOS

  N22 Datasheet HTML 1Page - EPCOS N22 Datasheet HTML 2Page - EPCOS N22 Datasheet HTML 3Page - EPCOS N22 Datasheet HTML 4Page - EPCOS N22 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Material properties
Preferred application
Proximity switches
Material
N22
Base material
MnZn
Color code (adjuster)
red
Symbol
Unit
Initial permeability
(T = 25 °C)
μ
i
2300
±25%
Meas. field strength
Flux density (near
saturation) (f = 10 kHz)
H
BS (25 °C)
BS (100 °C)
A/m
mT
mT
1200
370
260
Coercive field strength
(f = 10 kHz)
Hc (25 °C)
Hc (100 °C)
A/m
A/m
18
14
Optimum
frequency range
fmin
fmax
MHz
0.001 …
0.2
Relative at fmin
loss factorat fmax
tan
δ/μ
i
10–6
10–6
<2
<20
Hysteresis
material constant
η
B
10–6/mT <1.4
Curie temperature
TC
°C
>145
Relative
temperature coefficient
at 25 … 55 °C
at 5 … 25 °C
α
F
10–6/K
—
—
Mean value of
α
F
at 25 … 55 °C
10–6/K
0.9
Density (typical values)
kg/m3
4700
Disaccommodation
factor at 25 °C
DF
10–6
4
Resistivity
ρΩm1
Core shapes
P core half
N22
SIFERRIT materials



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com