Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N41 Datasheet(PDF) 5 Page - EPCOS

Part # N41
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

N41 Datasheet(HTML) 5 Page - EPCOS

  N41 Datasheet HTML 1Page - EPCOS N41 Datasheet HTML 2Page - EPCOS N41 Datasheet HTML 3Page - EPCOS N41 Datasheet HTML 4Page - EPCOS N41 Datasheet HTML 5Page - EPCOS N41 Datasheet HTML 6Page - EPCOS N41 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
N41
SIFERRIT materials
Relative core losses
versus AC field flux density
(measured on R16 toroids)
FAL0754-G
3
10
2
10
5
1
10
5
0
10
101
5
2
10
3
10
B
mT
m
kW
3
f = 25 kHz
60 C
˚
20 C
˚
V
P
N41
Relative core losses
versus frequency
(measured on R16 toroids)
300 mT
FAL0755-P
50 mT
25 mT
100 mT
200 mT
1
10
55
2
10
3
10
kHz
0
10
kW
3
m
PV
f
10
5
25 C
˚
10 0
5
101
5
10 2
5
10 4
_1
10 3
N41
Relative core losses
versus temperature
(measured on R16 toroids)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com