Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7032 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
ST7032
V1.4
2008/08/18
21/61
n Instruction Description
l
Clear Display
Clear all the display data by writing "20H" (space code) to all DDRAM address, and set DDRAM address to
"00H" into AC (address counter). Return cursor to the original status, namely, bring the cursor to the left edge
on first line of the display. Make entry mode increment (I/D = "1").
l
Return Home
Return Home is cursor return home instruction. Set DDRAM address to "00H" into the address counter.
Return cursor to its original site and return display to its original status, if shifted. Contents of DDRAM do not
change.
l
Entry Mode Set
Set the moving direction of cursor and display.
Ø
I/D : Increment / decrement of DDRAM address (cursor or blink)
When I/D = "High", cursor/blink moves to right and DDRAM address is increased by 1.
When I/D = "Low", cursor/blink moves to left and DDRAM address is decreased by 1.
* CGRAM operates the same as DDRAM, when read from or write to CGRAM.
Ø
S: Shift of entire display
When DDRAM read (CGRAM read/write) operation or S = "Low", shift of entire display is not performed. If
S = "High" and DDRAM write operation, shift of entire display is performed according to I/D value (I/D = "1":
shift left, I/D = "0" : shift right).
S
I/D
Description
H
H
Shift the display to the left
H
L
Shift the display to the right
0
0
0
0
0
0
0
0
1
0
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
0
0
0
0
0
0
0
0
X
1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
0
0
0
0
0
0
1
0
S
I/D
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com