Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7033 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7033
Description  4 x 96 Dot Matrix LCD Controller/Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7033 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7033 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7033 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
ST7033
Ver 1.1
30/39
2009/07/17
(VDD1 = 1.8V , Ta =25°C)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
280
—
SCL “H” pulse width
tSHW
140
—
SCL “L” pulse width
SCLK
tSLW
140
—
Address setup time
tSAS
50
—
Address hold time
A0
tSAH
150
—
Data setup time
tSDS
50
—
Data hold time
SDA
tSDH
50
—
CS-SCL time
tCSS
40
—
CS-SCL time
/CSB
tCSH
180
—
ns
Notes1: The input signal rise and fall time (tr, tf) are specified at 15 ns or less.
Notes2: All timing is specified using 20% and 80% of VDD1 as the standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com